Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC3013PGF-022 Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part # LC3013PGF-022
Description  High Performance, Low-Cost Analog Line Scan Camera
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LC3013PGF-022 Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

  LC3013PGF-022 Datasheet HTML 1Page - PerkinElmer Optoelectronics LC3013PGF-022 Datasheet HTML 2Page - PerkinElmer Optoelectronics LC3013PGF-022 Datasheet HTML 3Page - PerkinElmer Optoelectronics LC3013PGF-022 Datasheet HTML 4Page - PerkinElmer Optoelectronics LC3013PGF-022 Datasheet HTML 5Page - PerkinElmer Optoelectronics LC3013PGF-022 Datasheet HTML 6Page - PerkinElmer Optoelectronics LC3013PGF-022 Datasheet HTML 7Page - PerkinElmer Optoelectronics LC3013PGF-022 Datasheet HTML 8Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.perkinelmer.com/opto
LC3000-Series
High Performance, Low-Cost Analog Line Scan Camera
512, 1024 and 2048 elements, 10 and 20 MHz output rates
Description
In the LC3000-series analog line scan
camera, PerkinElmer has combined
the best features of photodiode array
detection, high-speed charge-coupled
scanning, and analog line scan camera
technology to offer an uncompromising
solution to the increasing demands of
advanced imaging applications.
The LC3000-series is a high
performance, low-cost, analog line scan
camera line. The LC3000-series features
a differential driver analog video out-
put with resolutions of 512, 1024 or
2048 pixels, which can achieve data
rates of up to 20 MHz with exceptional
noise immunity. They are designed for
volume applications where small size
and low cost are required.
In order to allow the user to compen-
sate for variations in illumination
found in "real-world" application
environments, the cameras feature
adjustable gain and offset levels. The
LC3000-series cameras feature a
Features
10 and 20 MHz output rate models
Geometrically precise 14 µm square
pixel CCD
Small size: 2.5"H x 2.5"W x 2.72"L
High dynamic range (500:1)
Peak QE greater than 65%
Antiblooming control
Single power supply operation
Electronic exposure control
Adjustable gain and offset levels
Line scan rates to 36 kHz
geometrically precise photodiode CCD
image sensor with 14µm square photo-
elements. State of the art electronic
design enables the LC3000-series to
deliver consistent, reliable performance
while the sturdy metal housing provides
maximum protection in a variety of
harsh environment and factory
floor conditions.
The LC3000-series cameras convert
light imaged during a scene into an
analog video signal. The amplitude of
the video signal is a linear function of
the incident illumination taken from the
scene. Antiblooming structures within
the sensor ensure superior performance
over a wide range of lighting conditions.
User-defined control is possible for
line rate, integration time and
video data rate.
LC3000 cameras may be interfaced
to most frame grabber cards, allowing
for a tested, plug and play solution.
Typical high performance line scan
Lighting
Imaging
Telecom
Imaging Product Line
®
DSP-201.01D - 4/2002 Page 1
12586 Final Art 2 5/9/01 4:51 PM Page 1


Similar Part No. - LC3013PGF-022

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC301 SEOUL-LC301 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC301 SEOUL-LC301 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC301 SEOUL-LC301 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC301 SEOUL-LC301 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC301 SEOUL-LC301 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LC3013PGF-022

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LC1917 PERKINELMER-LC1917 Datasheet
647Kb / 6P
   Low-Profile Analog Line Scan Camera
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
Shenzhen Huazhimei Semi...
HM2740 HMSEMI-HM2740 Datasheet
1Mb / 10P
   High Performance Low Cost Off-line PWM Power Switch
logo
Sony Corporation
XC-55 SONY-XC-55 Datasheet
705Kb / 6P
   PROGRESSIVE SCAN CAMERA MODULE
logo
PerkinElmer Optoelectro...
LD3500 PERKINELMER-LD3500 Datasheet
179Kb / 8P
   Low-Cost Digital Linescan Camera
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
   Low cost, high performance , high reliability
HM-TRP ETC2-HM-TRP Datasheet
323Kb / 10P
   Low cost, high performance , high reliability
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
   Low cost, high performance , high reliability
logo
Maxic Technology Corpor...
MT8812 MAXIC-MT8812 Datasheet
160Kb / 1P
   Non-isolated High Performance Low Cost Off-line PWM Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com