Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF1290-222 Datasheet(PDF) 1 Page - Sumida Corporation

Part # LF1290-222
Description  AC COMMON MODE CHOKES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

LF1290-222 Datasheet(HTML) 1 Page - Sumida Corporation

  LF1290-222 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC COMMON MODE CHOKES
9
M OUTLINE/概要
1. Common mode chokes for effective AC line noise prevention
1. ACラインノイズ防止に有効なコモンモードチョーク
3.5
17.0MAX.
14.0
9.5MAX.
LF1290
DIMENSIONS (mm)
外形寸法図
1. Small size and large inductance type
2. Exellent attenuation characteristics in low frequency
1. 小型で大インダクタンス
2. 低周波帯での減衰特性が優れる
M FEATURES/特徴
APPLICATION/用途
1. Noise prevention for TV, VCR, AV, OA equipments
1. テレビ、ビデオ、AV、OA機器の発生ノイズ防止
100k
10k
1k
100
10k
100k
1M
10M
40M
FREQUENCY (Hz)
103
471
681
102
682
472
392
222
K Impedance Characteristics/インピーダンス特性
2
1
3
4
S
S
2
1
3
4
SS
Schematics
結線図
K Specifications/仕様
Type
Inductance Inductance
D.C.R.
Rated current
品名
インダクタンス
Balance
直流抵抗
定格電流
(1-2) (4-3)
インダクタンス
(1-2) (4-3)
(50/60Hz)
@1kHz
平衡度
@ 20°C
LF2020/LF2115-222
Min.2.2mH
Max.150µH
Max.240m
1.3Arms
LF2020/LF2115-392
Min.3.9mH
Max.150µH
Max.410m
1.0Arms
LF2020/LF2115-103
Min.10.0mH
Max.550µH
Max.1.00
600mArms
LF2020/LF2115-183
Min.18.0mH
Max.600µH
Max.1.63
500mArms
LF2020/LF2115-223
Min.22.0mH
Max.800µH
Max.2.04
400mArms
LF2020/LF2115-333
Min.33.0mH
Max.800µH
Max.3.42
300mArms
10.0
4.5
22.5MAX.
17.2MAX.
LF2020
DIMENSIONS (mm)
外形寸法図
1. Low profile type of LF2020
1. LF2020の低背品
M FEATURES/特徴(LF2115)
APPLICATION/用途
1. Noise prevention for TV, VCR, AV, OA equipments
1. テレビ、ビデオ、AV、OA機器の発生ノイズ防止
100k
1M
10k
1k
100
10
1
10k
100k
1k
1M
10M
40M
FREQUENCY (Hz)
333
223
183
103
392
222
K Impedance Characteristics/インピーダンス特性
2
1
4
S
S
3
Schematics
結線図
13.0
3.5
17.0MAX.
22.0MAX.
LF2115
DIMENSIONS (mm)
外形寸法図
K Specifications/仕様
Type
Inductance Inductance
D.C.R.
Rated current
品名
インダクタンス
Balance
直流抵抗
定格電流
(1-2) (4-3)
インダクタンス
(1-2) (4-3)
(50/60Hz)
平衡度
@ 20°C
LF1290-471
Min.470µH
Max.50µH
Max.150m
1.10Arms
LF1290-681
Min.680µH
Max.50µH
Max.250m
850mArms
LF1290-102
Min.1.0mH
Max.150µH
Max.350m
650mArms
LF1290-222
Min.2.2mH
Max.150µH
Max.700m
450mArms
LF1290-392
Min.3.9mH
Max.200µH
Max.1.20
360mArms
LF1290-472
Min.4.7mH
Max.300µH
Max.1.60
340mArms
LF1290-682
Min.6.8mH
Max.400µH
Max.2.50
250mArms
LF1290-103
Min.10.0mH
Max.550µH
Max.4.00
200mArms
2
1
4
SS
3
or


Similar Part No. - LF1290-222

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
LF1290 SUMIDA-LF1290 Datasheet
159Kb / 2P
   AC COMMON MODE COIL
LF1290NP-102 SUMIDA-LF1290NP-102 Datasheet
159Kb / 2P
   AC COMMON MODE COIL
LF1290NP-103 SUMIDA-LF1290NP-103 Datasheet
159Kb / 2P
   AC COMMON MODE COIL
LF1290NP-222 SUMIDA-LF1290NP-222 Datasheet
159Kb / 2P
   AC COMMON MODE COIL
LF1290NP-392 SUMIDA-LF1290NP-392 Datasheet
159Kb / 2P
   AC COMMON MODE COIL
More results

Similar Description - LF1290-222

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
UU9LF SUMIDA-UU9LF Datasheet
224Kb / 1P
   AC COMMON MODE CHOKES
UU9LFB SUMIDA-UU9LFB Datasheet
250Kb / 1P
   AC COMMON MODE CHOKES
UU16LFB SUMIDA-UU16LFB Datasheet
141Kb / 1P
   AC COMMON MODE CHOKES
PFC1816 SUMIDA-PFC1816 Datasheet
129Kb / 2P
   AC Common Mode Chokes
UU10LF SUMIDA-UU10LF Datasheet
141Kb / 1P
   AC COMMON MODE CHOKES
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com