Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BMP21-PLUS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BMP21-PLUS
Description  Tough on the Outside. Smart on the Inside.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BMP21-PLUS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BMP21-PLUS Datasheet HTML 1Page - List of Unclassifed Manufacturers BMP21-PLUS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.bradyeurope.com/bmp21plus
www.bradyeurope.com/bmp21plus
Africa
+27 11 704 3295
Benelux
+32 (0) 52 45 78 11
Central & Eastern Europe
+421 2 3300 4800
Denmark
+45 66 14 44 00
France
+33 (0) 3 20 76 94 48
Germany
+49 (0) 6103 7598 660
Hungary
+36 23 500 275
Italy
+39 02 26 00 00 22
Middle East
+971 4881 2524
Norway
+47 70 13 40 00
Romania
+40 21 202 3032
Russia
+7 495 225 93 62
Spain & Portugal
+34 900 902 993
Sweden
+46 (0) 8 590 057 30
Turkey
+90 212 264 02 20
UK & Ireland
+44 (0) 1295 228 288
Brady EMEA Locations
Your Brady Distributor
Self-laminating Wire & Cable Wraps
Clear, wrap-around tail overlaminates
white print-on area to protect text
Great for data cables or wires that are
frequently handled & moved
Tough on the Outside.
Smart on the Inside.
Order Ref.
Colour
Width
(mm)
Length
(m)
Printable
Area
Width (mm)
Max. Wire
Diameter
(mm)
B-427: Self-laminating Vinyl
M21-750-427
Black on White/
Transparent
19.05
4.30
9.53
4.00
M21-1000-427 Black on White/
Transparent
25.40
4.30
9.53
5.00
M21-1250-427 Black on White/
Transparent
30.48
4.30
12.70
7.00
M21-1500-427 Black on White/
Transparent
38.10
4.30
12.70
8.00
PermaSleeve™ Heat-shrink
Wire and Cable Markers
Order Ref.
Colour
Width
(mm)
Length
(m)
Min. Wire
Diameter
(mm)
Max. Wire
Diameter
(mm)
B-342: Heat-shrink Polyolefin Sleeve
M21-125-C-342
Black on White
6.00
2.10
1.20
2.80
M21-125-C-342-YL Black on Yellow
6.00
2.10
1.20
2.80
M21-187-C-342
Black on White
8.50
2.10
1.60
3.80
M21-187-C-342-YL Black on Yellow
8.50
2.10
1.60
3.80
M21-250-C-342
Black on White
11.15 2.10
2.40
5.50
M21-250-C-342-YL Black on Yellow
11.15 2.10
2.40
5.50
M21-375-C-342
Black on White
16.40 2.10
3.20
8.10
M21-375-C-342-YL Black on Yellow
16.40 2.10
3.20
8.10
3:1 heat shrinkable ratio, wire marker
sleeve
Fade resistant and flame retardant for
superior aesthetic appearance
Meets several SAE and MIL-STD specs*
Wire & Cable Wraps
Nylon cloth label is highly pliable
conforming to tightly curved surfaces
Print multi-line legends in multiple areas
when using flag mode
Text entered in wire marker mode auto-
repeats when label prints
Order Ref.
Colour
Width (mm)
Length (m)
B-499: Nylon Cloth
M21-375-499
Black on White
9.53
4.90
M21-500-499
Black on White
12.70
4.90
M21-750-499
Black on White
19.05
4.90
* Visit www.bradyeurope.com/tds for more information.
Material Advantage
Tough and smart come together not just in the BMP21-PLUS but also in the
world class materials it prints on. Brady’s team of R&D experts develop and
test labels that are incredibly tough and long lasting to let you label where you
need to. Use our guide to find the best fit for your application.
Flat,
Smooth Surface
Textured
Surface
Outdoor
Use
Wire
& Cable
Harsh
Environment
Self-laminating
Vinyl
PermaSleeve
Nylon Cloth
Indoor/Outdoor
Vinyl
Polyester


Similar Part No. - BMP21-PLUS

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMP280 BOSCH-BMP280 Datasheet
1Mb / 49P
   Digital Pressure Sensor
More results

Similar Description - BMP21-PLUS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN11275 NXP-AN11275 Datasheet
299Kb / 20P
   SGPIO on the LPC4300
Rev. 1-7 November 2012
logo
STMicroelectronics
STL40N10F7 STMICROELECTRONICS-STL40N10F7 Datasheet
851Kb / 15P
   Among the lowest RDS on the market
STEVAL-ICB003V1 STMICROELECTRONICS-STEVAL-ICB003V1 Datasheet
207Kb / 5P
   Smart touchpanel interface based on the STMPE1208S, STLED316S and STM8S
logo
Omron Electronics LLC
S8VK-G OMRON-S8VK-G Datasheet
5Mb / 22P
   Reliable and Easy Operation Resistant in tough environments Easy and fast installation The most compact size on the market
logo
Tyco Electronics
408-8647 MACOM-408-8647 Datasheet
97Kb / 2P
   Press down evenly on the tool until the rear leg bottoms on the pc board.
logo
TE Connectivity Ltd
C-1461401 TEC-C-1461401 Datasheet
133Kb / 2P
   removed the rib on the base to case
C-1461400 TEC-C-1461400 Datasheet
131Kb / 2P
   removed the rib on the base to case
C-1461402 TEC-C-1461402 Datasheet
226Kb / 2P
   removed the rib on the base to case
C-1721083 TEC-C-1721083 Datasheet
131Kb / 2P
   removed the rib on the base to case
C-1721261 TEC-C-1721261 Datasheet
126Kb / 2P
   removed the rib on the base to case
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com