Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC3011PGC-022 Datasheet(PDF) 6 Page - PerkinElmer Optoelectronics

Part # LC3011PGC-022
Description  High Performance, Low-Cost Analog Line Scan Camera
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LC3011PGC-022 Datasheet(HTML) 6 Page - PerkinElmer Optoelectronics

  LC3011PGC-022 Datasheet HTML 1Page - PerkinElmer Optoelectronics LC3011PGC-022 Datasheet HTML 2Page - PerkinElmer Optoelectronics LC3011PGC-022 Datasheet HTML 3Page - PerkinElmer Optoelectronics LC3011PGC-022 Datasheet HTML 4Page - PerkinElmer Optoelectronics LC3011PGC-022 Datasheet HTML 5Page - PerkinElmer Optoelectronics LC3011PGC-022 Datasheet HTML 6Page - PerkinElmer Optoelectronics LC3011PGC-022 Datasheet HTML 7Page - PerkinElmer Optoelectronics LC3011PGC-022 Datasheet HTML 8Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.perkinelmer.com/opto
Analog Line Scan Camera
DSP-201.01D - 4/2002 Page 6
Video Signals
The LC3000-series camera features an
adjustable DC offset. This offset is
controlled by the bank of DIP-switches.
Table 2 describes the nominal level of
the video black level with respect to the
various switch selections.
Additionally, the LC3000-series cam-
eras feature a user-adjustable video
gain. Video gain is adjustable by the
bank of DIP-switches. Table 3 refer-
ences the various settings and corre-
sponding gain levels. Cameras are
shipped factory-default with range 1.
Table 4. Camera Features Summary
Active
Maximum
Max.Line
Max. Line
Model
Array
Pixels
Pixel Size
Data Rate
Scan Rate
Scan Period
LC3011
RL0512P
512
14µm x 14µm
10 MHz
18,000 L/Sec
55.3µs
LC3012
RL1024P
1024
14µm x 14µm
10 MHz
9,300 L/Sec
106.5µs
LC3013
RL2048P
2048
14µm x 14µm
10 MHz
4,700 L/Sec
208.9µs
LC3021
RL0512P
512
14µm x 14µm
20 MHz
36,000 L/Sec
27.7µs
LC3022
RL1024P
1024
14µm x 14µm
20 MHz
18,700 L/Sec
53.3µs
LC3023
RL2048P
2048
14µm x 14µm
20 MHz
9,500 L/Sec
104.5µs
Figure 5. Optical Interface Diagram
FOV
Object
WD
EXT
MFD
Lens
CCD
Image
AL
ES
Drawing Not To Scale
FOV
RR
ER
EN
ES
AL
MAC
WD
EXT
MFD
= Field of view (object size + tolerance)
= Resolution requirement = FOV / RR
= Elements required (calculated)
= # of CCD elements
= Element size (pixel spacing) - 14
µm
= Array length (max, image size) = EN x ES
= Magnification = AL / FOV
= Working distance (object to lens)
= Length of extensions = WD / MAG
= Mount to flange distance
Figure 6. LC3000 Outline Drawings
0.850
(21.59)
2.50
(63.50)
PIXEL 1
2.50
(63.50)
REGISTRATION SLOT
0.126
+002
-000 X 0.150 long X 0.09 deep
0.156 +002
-000
X 0.09 deep
REGISTRATION HOLE
0.126
+002
-000 X 0.09 deep
2.50
(63.50)
1.25
(31.75)
1.25
(31.75)
2.72
(69.09)
0.850
(21.59)
MEASUREMENTS IN INCHES (MM)
FRONT VIEW
SIDE VIEW
2.50
(63.50)
2.50
(63.50)
REAR VIEW
DIP Switches
25-pin D-type
Male Connector
REGISTRATION HOLE
0.156 +002
-000
X 0.09 deep
REGISTRATION HOLE
1.70
± 0.015
(43.13
±0.381
12586 Final Art 2 5/9/01 4:51 PM Page 6


Similar Part No. - LC3011PGC-022

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC301 SEOUL-LC301 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC301 SEOUL-LC301 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC301 SEOUL-LC301 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC301 SEOUL-LC301 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC301 SEOUL-LC301 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LC3011PGC-022

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LC1917 PERKINELMER-LC1917 Datasheet
647Kb / 6P
   Low-Profile Analog Line Scan Camera
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
Shenzhen Huazhimei Semi...
HM2740 HMSEMI-HM2740 Datasheet
1Mb / 10P
   High Performance Low Cost Off-line PWM Power Switch
logo
Sony Corporation
XC-55 SONY-XC-55 Datasheet
705Kb / 6P
   PROGRESSIVE SCAN CAMERA MODULE
logo
PerkinElmer Optoelectro...
LD3500 PERKINELMER-LD3500 Datasheet
179Kb / 8P
   Low-Cost Digital Linescan Camera
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
   Low cost, high performance , high reliability
HM-TRP ETC2-HM-TRP Datasheet
323Kb / 10P
   Low cost, high performance , high reliability
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
   Low cost, high performance , high reliability
logo
Maxic Technology Corpor...
MT8812 MAXIC-MT8812 Datasheet
160Kb / 1P
   Non-isolated High Performance Low Cost Off-line PWM Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com