Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7MBR35SD120 Datasheet(PDF) 2 Page - Fuji Electric

Part No. 7MBR35SD120
Description  PIM/Built-in converter with thyristor and brake (S series) 1200V / 35A / PIM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR35SD120 Datasheet(HTML) 2 Page - Fuji Electric

  7MBR35SD120 Datasheet HTML 1Page - Fuji Electric 7MBR35SD120 Datasheet HTML 2Page - Fuji Electric 7MBR35SD120 Datasheet HTML 3Page - Fuji Electric 7MBR35SD120 Datasheet HTML 4Page - Fuji Electric 7MBR35SD120 Datasheet HTML 5Page - Fuji Electric 7MBR35SD120 Datasheet HTML 6Page - Fuji Electric 7MBR35SD120 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IGBT Module
7MBR35SD120
Electrical characteristics (Tj=25°C unless otherwise specified)
Item
Symbol
Condition
Characteristics
Unit
Min.
Typ.
Max.
Zero gate voltage collector current
Gate-Emitter leakage current
Gate-Emitter threshold voltage
Collector-Emitter saturation voltage
Input capacitance
Turn-on time
Turn-off
Forward on voltage
Reverse recovery time of FRD
Zero gate voltage collector current
Gate-Emitter leakage current
Collector-Emitter saturation voltage
Turn-on time
Turn-off time
Reverse current
off-state current
Reverse current
Gate trigger current
Gate trigger voltage
On-state voltage
Forward on voltage
Reverse current
Resistance
B value
ICES
IGES
VGE(th)
VCE(sat)
Cies
ton
tr
toff
tf
VF
trr
ICES
IGES
VCE(sat)
ton
tr
toff
tf
IRRM
IDM
IRRM
IGT
VGT
VTM
VFM
IRRM
R
B
VCE=1200V, VGE=0V
VCE=0V, VGE=±20V
VCE=20V, IC=35mA
VGE=15V, Ic=35A
chip
terminal
VGE=0V, VCE=10V, f=1MHz
VCC=600V
IC=35A
VGE=±15V
RG=33
IF=35A
chip
terminal
IF=35A
VCES=1200V, VGE=0V
VCE=0V, VGE=±20V
IC=25A, VGE=15V chip
terminal
VCC=600V
IC=25A
VGE=±15V
RG=51
VR=1200V
VDM=1600V
VRM=1600V
VD=6V, IT=1A
VD=6V, IT=1A
ITM=35A
chip
terminal
IF=35A
chip
terminal
VR=1600V
T=25°C
T=100°C
T=25/50°C
200
200
8.5
2.7
1.2
0.6
1.0
0.3
3.3
350
200
200
2.7
1.2
0.6
1.0
0.3
200
1.0
1.0
100
2.5
1.2
1.5
200
4200
5.5
7.2
µA
nA
V
V
pF
µs
V
ns
µA
nA
V
µs
µA
mA
mA
mA
V
V
V
µA
K
Item
Symbol
Condition
Characteristics
Unit
Min.
Typ.
Max.
Inverter IGBT
Inverter FWD
Brake IGBT
Thyristor
Converter Diode
With thermal compound
0.52
0.90
0.69
1.00
°C/W
0.75
0.05
Thermal resistance ( 1 device )
Rth(j-c)
Contact thermal resistance
*
Rth(c-f)
Thermal resistance Characteristics
* This is the value which is defined mounting on the additional cooling fin with thermal compound
2.1
2.25
0.35
0.25
0.45
0.08
2.3
2.45
2.1
2.25
0.35
0.25
0.45
0.08
1.1
1.2
1.1
1.2
5000
465
495
520
3305
3375
3450


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn