Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7MBR35SD120 Datasheet(PDF) 1 Page - Fuji Electric

Part No. 7MBR35SD120
Description  PIM/Built-in converter with thyristor and brake (S series) 1200V / 35A / PIM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR35SD120 Datasheet(HTML) 1 Page - Fuji Electric

  7MBR35SD120 Datasheet HTML 1Page - Fuji Electric 7MBR35SD120 Datasheet HTML 2Page - Fuji Electric 7MBR35SD120 Datasheet HTML 3Page - Fuji Electric 7MBR35SD120 Datasheet HTML 4Page - Fuji Electric 7MBR35SD120 Datasheet HTML 5Page - Fuji Electric 7MBR35SD120 Datasheet HTML 6Page - Fuji Electric 7MBR35SD120 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
7MBR35SD120
IGBT Modules
PIM/Built-in converter with thyristor
and brake (S series)
1200V / 35A / PIM
Features
· Low VCE(sat)
· Compact Package
· P.C. Board Mount Module
· Converter Diode Bridge Dynamic Brake Circuit
Applications
· Inverter for Motor Drive
· AC and DC Servo Drive Amplifier
· Uninterruptible Power Supply
Maximum ratings and characteristics
Absolute maximum ratings (Tc=25°C unless without specified)
Item
Symbol
Condition
Rating
Unit
Collector-Emitter voltage
Gate-Emitter voltage
Collector current
Collector power disspation
Collector-Emitter voltage
Gate-Emitter voltage
Collector current
Collector power disspation
Repetitive peak reverse voltage(Diode)
Repetitive peak off-state voltage
Repetitive peak reverse voltage
Average on-state current
Surge 0n-state current (Non-Repetitive)
Junction temperature
Repetitive peak reverse voltage
Average output current
Surge current (Non-Repetitive)
I2t
(Non-Repetitive)
Junction temperature (except Thyristor)
Storage temperature
Isolation between terminal and copper base *2
voltage
between thermistor and others *3
Mounting screw torque
VCES
VGES
IC
ICP
-IC
PC
VCES
VGES
IC
ICP
PC
VRRM
VDRM
VRRM
IT(AV)
ITSM
Tjw
VRRM
IO
IFSM
I2t
Tj
Tstg
Viso
Continuous
Tc=25°C
Tc=80°C
1ms
Tc=25°C
Tc=80°C
1 device
Continuous
Tc=25°C
Tc=80°C
1ms
Tc=25°C
Tc=80°C
1 device
50Hz/60Hz sine wave
Tj=125°C, 10ms half sine wave
50Hz/60Hz sine wave
Tj=150°C, 10ms
half sine wave
AC : 1 minute
1200
±20
50
35
100
70
35
240
1200
±20
35
25
70
50
180
1200
1600
1600
35
390
125
1600
35
360
648
+150
-40 to +125
AC 2500
AC 2500
1.7 *1
V
V
A
A
A
W
V
V
A
A
W
V
V
V
A
A
°C
V
A
A
A2s
°C
°C
V
V
N·m
*1 Recommendable value : 1.3 to 1.7 N·m (M4)
*2 All terminals should be connected together when isolation test will be done.
*3 Terminal 8 and 9 should be connected together. Terminal 1 to 7 and 10 to 26
should be connected together and shorted to copper base.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn