Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC849C Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # BC849C
Description  General Purpose Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

BC849C Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  BC849C Datasheet HTML 1Page - E-Tech Electronics LTD BC849C Datasheet HTML 2Page - E-Tech Electronics LTD BC849C Datasheet HTML 3Page - E-Tech Electronics LTD BC849C Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M3–2/4
BC846ALT1,BLT1 BC847ALT1,BLT1 CLT1 thru BC850BLT1,CLT1
ELECTRICAL CHARACTERISTICS(TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
BC846A, BC847A, BC848A
h FE
—90
(I C = 10 µA, V CE = 5.0 V)
BC846B, BC847B, BC848B
150
BC847C, BC848C
270
(I C = 2.0 mA, V CE = 5.0 V)
BC846A, BC847A, BC848A
110
180
220
BC846B, BC847B, BC848B, BC849B, BC850B
200
290
450
BC847C, BC848C, BC849C, BC850C
420
520
800
Collector–Emitter Saturation Voltage (I C = 10 mA, I B = 0.5 mA)
V CE(sat)
0.25
V
Collector–Emitter Saturation Voltage (I C = 100 mA, I B = 5.0 mA)
0.6
Base–Emitter Saturation Voltage (I C = 10 mA, I B = 0.5 mA)
V BE(sat)
0.7
V
Base–Emitter Saturation Voltage (I C = 100 mA, I B = 5.0 mA)
0.9
Base–Emitter Voltage (I C = 2.0 mA, V CE = 5.0 V)
V BE(on)
580
660
700
mV
Base–Emitter Voltage (I C = 10 mA, V CE = 5.0 V)
770
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
100
MHz
(I C = 10 mA, V CE = 5.0 Vdc, f = 100 MHz)
Output Capacitance (V CB = 10 V, f = 1.0 MHz)
Cobo
4.5
pF
Noise Figure (I C = 0.2 mA, BC846A, BC847A, BC848A
NF
dB
V CE = 5.0 Vdc, R S = 2.0 kΩ, BC846B, BC847B, BC848B
f = 1.0 kHz, BW = 200 Hz) BC847C, BC848C
10
BC849B,C, BC850B,C
4.0
I
C , COLLECTOR CURRENT (mAdc)
Figure 1. Normalized DC Current Gain
I
C , COLLECTOR CURRENT (mAdc)
Figure 2. “Saturation” and “On” Voltages
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
V
CE = 10 V
T
A = 25°C
2.0
1.5
1.0
0.8
0.6
0.4
0.3
0.2
0.1
0.2 0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20 30
50 70 100
T
A = 25°C
V
BE(sat) @ I C /I B=10
V
BE(on) @ V CE = 10 V
V
CE(sat) @ I C /I B = 10
T
A = 25°C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1.0
1.2
1.6
2.0
2.4
2.8
3.0
I
B , BASE CURRENT (mA)
Figure 3. Collector Saturation Region
I
C= 200 mA
–55°C to +125°C
I
C , COLLECTOR CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
0.2
1.0
10
100
0.02
0.1
1.0
10
20
2.0
1.6
1.2
0.8
0.4
0
I
C =
10 mA
I
C = 100 mA
I
C =
20 mA
I
C = 50 mA


Similar Part No. - BC849C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC849C PHILIPS-BC849C Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 08
BC849C NXP-BC849C Datasheet
139Kb / 8P
   NPN general purpose transistors
2004 Jan 16
logo
Siemens Semiconductor G...
BC849C SIEMENS-BC849C Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Guangdong Kexin Industr...
BC849C KEXIN-BC849C Datasheet
1Mb / 3P
   NPN Transistors
logo
Infineon Technologies A...
BC849C INFINEON-BC849C Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
More results

Similar Description - BC849C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com