Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC850C Datasheet(PDF) 4 Page - E-Tech Electronics LTD

Part # BC850C
Description  General Purpose Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

BC850C Datasheet(HTML) 4 Page - E-Tech Electronics LTD

  BC850C Datasheet HTML 1Page - E-Tech Electronics LTD BC850C Datasheet HTML 2Page - E-Tech Electronics LTD BC850C Datasheet HTML 3Page - E-Tech Electronics LTD BC850C Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
M3–4/4
BC846ALT1, BLT1 BC847ALT1, BLT1 CLT1 thru BC850BLT1, CLT1
BC846
V
R , REVERSE VOLTAGE (VOLTS)
Figure 11. Capacitance
I
C , COLLECTOR CURRENT (mA)
Figure 12. Current–Gain – Bandwidth Product
C
ob
C
ib
T
A= 25°C
V
CE= 5 V
T
A= 25°C
0.1 0.2
0.5
1.0
2.0
5.0
10
20
50
100
1.0
5.0 10
50 100
40
20
10
6.0
4.0
2.0
500
200
100
50
20


Similar Part No. - BC850C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC850C PHILIPS-BC850C Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 08
logo
Formosa MS
BC850C FORMOSA-BC850C Datasheet
121Kb / 9P
   SMD NPN Transistor
logo
Siemens Semiconductor G...
BC850C SIEMENS-BC850C Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Yea Shin Technology Co....
BC850C YEASHIN-BC850C Datasheet
857Kb / 5P
   General Purpose Transistors
logo
Infineon Technologies A...
BC850C INFINEON-BC850C Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
More results

Similar Description - BC850C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com