Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUV3500PIL Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # SUV3500PIL
Description  Lamps for Photolithography
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

SUV3500PIL Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  SUV3500PIL Datasheet HTML 1Page - PerkinElmer Optoelectronics SUV3500PIL Datasheet HTML 2Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PerkinElmer welcomes inquiries about special lamps. We would be pleased to discuss the requirements of your application and the feasibility of
designing a lamp specifically suited to your needs.
For more information e-mail us at opto@perkinelmer.com or visit our web site at www.perkinelmer.com/opto.
All values are nominal; specifications subject to change without notice.
© 2000 PerkinElmer inc. All rights reserved.
.
www.perkinelmer.com/opto
USA:
PerkinElmer Optoelectronics
44370 Christy St.
Fremont, CA 94538
Phone: (510) 979-6500
Fax: (510) 687-1140
Europe:
PerkinElmer Optoelectronics GmbH
Wenzel-Jaksch-Str. 31
65199 Wiesbaden
Germany
Phone: +49 611 492 0
Fax: +49 611 492 177
Asia:
PerkinElmer Optoelectronics
47 Ayer Rajah Crescent #06-12
Singapore 139947
Phone: +65 775 2022
Fax: +65 775 1008
Description
Power
Current
Voltage
Current Ripple
Temperature (at base)
Lifetime
Nominal
3500 watts
152 amps (DC)
23 volts (DC)
3%
220ºC (max)
1500 hours
Range
135-175 amps (DC)
20-26 volts (DC)
Operational Specifications
HSH3500PILO
Physical Specifications
Description
Arc Gap
Anode Base
Cathode Base
Specification
4.5 mm (max)
40 mm Dia (M6)
32.5 mm Dia (M12)
Typical Performance Graph
Notes
1.
Lamp must be operated with anode end up and
cathode end down. Inclination of lamp axis to verti-
cal must not exceed 10º.
Dimensions
324
Max
155.5
Ø81.5
Spectral Output
ANODE (+)
END UP
CATHODE (-)
END DOWN
Part Number References
Used In
Replaces
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
1200
1400
Hours of Operation
Wavelength (nm)
ASML 5500 / 200B, /250C
SUV-3500-PIL
HBO-3500-W/PI
0
10
20
30
40
50
60
70
80
90
100
250
300
350
400
450
500
550
600
650
700
750
All dimensions are in millimeters.
DS-193 Rev C 1101


Similar Part No. - SUV3500PIL

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
SUV3501PIL PERKINELMER-SUV3501PIL Datasheet
44Kb / 2P
   Lamps for Photolithography
More results

Similar Description - SUV3500PIL

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
HSH1000UEO PERKINELMER-HSH1000UEO Datasheet
47Kb / 2P
   Lamps for Photolithography
HSH1002CEO PERKINELMER-HSH1002CEO Datasheet
45Kb / 2P
   Lamps for Photolithography
HSH1002GEO PERKINELMER-HSH1002GEO Datasheet
47Kb / 2P
   Lamps for Photolithography
HSH2510NIL0 PERKINELMER-HSH2510NIL0 Datasheet
42Kb / 2P
   Lamps for Photolithography
HSH1000CEO PERKINELMER-HSH1000CEO Datasheet
45Kb / 2P
   Lamps for Photolithography
HSH1000NEO PERKINELMER-HSH1000NEO Datasheet
46Kb / 2P
   Lamps for Photolithography
HSH1002UEO PERKINELMER-HSH1002UEO Datasheet
46Kb / 2P
   Lamps for Photolithography
HSH1000KS PERKINELMER-HSH1000KS Datasheet
45Kb / 2P
   Lamps for Photolithography
HSH1500CIEO PERKINELMER-HSH1500CIEO Datasheet
47Kb / 2P
   Lamps for Photolithography
HSH2001NIEO PERKINELMER-HSH2001NIEO Datasheet
51Kb / 2P
   Lamps for Photolithography
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com