Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I-MGBIC-GZX-C Datasheet(PDF) 1 Page - ATGBICS by Approved Technology

Part # I-MGBIC-GZX-C
Description  I-MGBIC-GZX Enterasys Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

I-MGBIC-GZX-C Datasheet(HTML) 1 Page - ATGBICS by Approved Technology

  I-MGBIC-GZX-C Datasheet HTML 1Page - ATGBICS by Approved Technology I-MGBIC-GZX-C Datasheet HTML 2Page - ATGBICS by Approved Technology I-MGBIC-GZX-C Datasheet HTML 3Page - ATGBICS by Approved Technology I-MGBIC-GZX-C Datasheet HTML 4Page - ATGBICS by Approved Technology I-MGBIC-GZX-C Datasheet HTML 5Page - ATGBICS by Approved Technology I-MGBIC-GZX-C Datasheet HTML 6Page - ATGBICS by Approved Technology I-MGBIC-GZX-C Datasheet HTML 7Page - ATGBICS by Approved Technology I-MGBIC-GZX-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_I-MGBIC-GZX-C_V1
Page 1 of 8
Product Datasheet
I-MGBIC-GZX-C
Enterasys® Compatible 1.25Gb/s 80km SFP Transceiver
Hot Pluggable, Duplex LC, +3.3V, 1550nm, DFB-LD, SMF 80KM DDM 0~70C
FEATURES
• Up to 1.25Gb/s Data Links
• Hot-Pluggable
• Duplex LC connector
• Up to 80km on 9/125μm SMF
• 1550nm DFB laser transmitter
• Single +3.3V Power Supply
• Low power dissipation <1W typically
• Commercial operating temperature range 0°C to 70°C
• RoHS compliant and Lead Free
APPLICATIONS
• Metro/Access Networks
• 1.25 Gb/s 1000Base-ZX Ethernet
• 1×Fibre Channel
• Other Optical Links
DESCRIPTION
ATGBICS® Compatible I-MGBIC-GZX is a high performance, cost effective module which have a duplex LC
optics interface. Standard AC coupled CML for high speed signal and LVTTL control and monitor signals. The
receiver section uses a PIN receiver and the transmitter uses a 1550 nm DFB laser, up to 22dB link budge
ensure this module 1000Base Ethernet 80km application.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typical
Max.
Unit
Storage Temperature
TS
-40
+85
°C
Supply Voltage
VCC
-0.5
4
V
Relative Humidity
RH
0
85
%


Similar Part No. - I-MGBIC-GZX-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
I-MGBIC-GLX-C ATGBICS-I-MGBIC-GLX-C Datasheet
322Kb / 9P
   I-MGBIC-GLX Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
I-MGBIC-GSX-C ATGBICS-I-MGBIC-GSX-C Datasheet
293Kb / 8P
   I-MGBIC-GSX Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
I-MGBIC-GTX-C ATGBICS-I-MGBIC-GTX-C Datasheet
185Kb / 7P
   I-MGBIC-GTX Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results

Similar Description - I-MGBIC-GZX-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
MGBIC-08-C ATGBICS-MGBIC-08-C Datasheet
285Kb / 8P
   MGBIC-08 Enterasys Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
DELL-1000-ZX-C ATGBICS-DELL-1000-ZX-C Datasheet
286Kb / 8P
   DELL1000-ZX Dell Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
ET4201-ZX-C ATGBICS-ET4201-ZX-C Datasheet
286Kb / 8P
   ET4201-ZX Edgecore Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
J4860A-C ATGBICS-J4860A-C Datasheet
285Kb / 8P
   J4860A HPE Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
J4860B-C ATGBICS-J4860B-C Datasheet
285Kb / 8P
   J4860B HPE Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
J4860C-C ATGBICS-J4860C-C Datasheet
285Kb / 8P
   J4860C HPE Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
FC95700190-C ATGBICS-FC95700190-C Datasheet
285Kb / 8P
   FC95700190 Fujitsu Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
61004014-C ATGBICS-61004014-C Datasheet
265Kb / 8P
   61004014 Adva Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
VE6050T02-C ATGBICS-VE6050T02-C Datasheet
285Kb / 8P
   VE6050T02 Emerson Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
10053-C ATGBICS-10053-C Datasheet
285Kb / 8P
   10053 Extreme Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com