Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDD128M72D18RPW-13B Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HDD128M72D18RPW-13B
Description  DDR SDRAM Module 1024Mbyte (128Mx72bit), based on 64Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HDD128M72D18RPW-13B Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

Back Button HDD128M72D18RPW-13B Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13B Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13B Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13B Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13B Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13B Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13B Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13B Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13B Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
HANBit
HDD128M72D18RPW
URL : www.hbe.co.kr
6
HANBit Electronics Co.,Ltd.
REV 1.0 (January. 2005)
Input / Output Capacitance
(VDD = min to max, VDDQ = 2.5V to 2.7V, TA = 25°C, f = 100MHz)
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Input capacitance(A0~A12, BA0~BA1, /RAS, /CAS,/WE)
CIN1
9
11
pF
Input capacitance(CKE0,CKE1)
CIN2
9
11
pF
Input capacitance(/CS0)
CIN3
9
11
pF
Input capacitance(CK0~CK2, /CK0~/CK2)
CIN4
11
12
pF
Input capacitance(DM0~DM7)
CIN5
14
16
pF
Data input/output capacitance (DQ0 ~ DQ63, DQS0~DQS7)
COUT1
14
16
pF
Data input/output capacitance (CB0~CB7)
COUT2
14
16
pF
DC Characteristics
(VDD = 2.7V, T =10°C)
Symbol
-16B
(DDR333@CL=2.5)
-13A
(DDR266@CL=2.0)
-13B
(DDR266@CL=2.5)
Unit
Notes
IDD0
2230
2010
2010
mA
IDD1
2500
2280
2280
mA
IDD2P
590
540
540
mA
IDD2F
1420
1290
1290
mA
IDD2Q
950
900
900
mA
IDD3P
1040
990
990
mA
IDD3N
1690
1560
1560
mA
IDD4R
2540
2280
2280
mA
IDD4W
2630
2330
2330
mA
IDD5
3130
2910
2910
mA
Normal
590
540
540
mA
IDD6
Low
Power
560
510
510
mA
Optional
IDD7A
4520
4080
4080
mA
Notes: Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
AC Operating Conditions
PARAMETER
STMBOL
MIN
MAX
UNIT
NOTE
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH (AC)
VREF + 0.35
Input Low (Logic 0) Voltage, DQ, DQS and DM signals.
VIL (AC)
VREF - 0.31
V
Input Differential Voltage, CK and CK inputs
VID (AC)
0.7
VDDQ+0.6
V
1
Input Crossing Point Voltage, CK and CK inputs
VIX (AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
2
Notes:
1. VID is the magnitude of the difference between the input level on CK and the input on /CK.
The value of VIX is expected to equal 0.5* VDDQ of the transmitting device and must track variations in the DC level of the same
3. These parameters should be tested at the pim on actual components and may be checked at either the pin or the pad in simula-tion.
the AC and DC input specificatims are refation to a Vref envelope that has been bandwidth limited 20MHz.


Similar Part No. - HDD128M72D18RPW-13B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HDD100 ETC1-HDD100 Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
HDD100-24S05-P ETC1-HDD100-24S05-P Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
HDD100-24S05-T ETC1-HDD100-24S05-T Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
HDD100-24S12-P ETC1-HDD100-24S12-P Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
HDD100-24S12-T ETC1-HDD100-24S12-T Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
More results

Similar Description - HDD128M72D18RPW-13B

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD32M72D9RPW HANBIT-HDD32M72D9RPW Datasheet
408Kb / 10P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 32Mx8, 4Banks 8K Ref., 184Pin-DIMM with PLL & Register
HDD64M72D18RPW HANBIT-HDD64M72D18RPW Datasheet
160Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
HDD16M72D9RPW HANBIT-HDD16M72D9RPW Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72D18RPW HANBIT-HDD32M72D18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72B18RPW HANBIT-HDD32M72B18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD64M72D18W HANBIT-HDD64M72D18W Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
HDD16M72D9W HANBIT-HDD16M72D9W Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
logo
Samsung semiconductor
M390S6450CT1 SAMSUNG-M390S6450CT1 Datasheet
220Kb / 12P
   64Mx72 SDRAM DIMM with PLL & Register based on 64Mx4, 4Banks, 8K Ref., 3.3V Synchronous DRAMs with SPD
M390S2858DT1 SAMSUNG-M390S2858DT1 Datasheet
239Kb / 12P
   128Mx72 SDRAM DIMM with PLL & Register based on Stacked 128Mx4, 4Banks 8K Ref., 3.3V SDRAMs with SPD
logo
Hanbit Electronics Co.,...
HSD64M72D18RP HANBIT-HSD64M72D18RP Datasheet
201Kb / 11P
   Synchronous DRAM Module 512Mbyte (64Mx72bit), DIMM with PLL & Register based on 64Mx4, 4Banks, 8K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com