Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDD32M72D9RPW Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HDD32M72D9RPW
Description  DDR SDRAM Module 256Mbyte (32Mx72bit), based on 32Mx8, 4Banks 8K Ref., 184Pin-DIMM with PLL & Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HDD32M72D9RPW Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HDD32M72D9RPW Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HDD32M72D9RPW Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HDD32M72D9RPW Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HDD32M72D9RPW Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HDD32M72D9RPW Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HDD32M72D9RPW Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HDD32M72D9RPW Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HDD32M72D9RPW Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HDD32M72D9RPW Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HANBit
HDD32M72D9RPW
URL : www.hbe.co.kr
1
HANBit Electronics Co.,Ltd.
REV 1.0 (JUNE.2003)
GENERAL DESCRIPTION
The HDD32M72D9RPW is a 32M x 72 bit Double Data Rate(DDR) Synchronous Dynamic RAM high-density memory
module. The module consists of nine CMOS 32M x 8 bit with 4banks DDR SDRAMs in 66pin TSOP-II 400mil packages and
2K EEPROM in 8-pin TSSOP package on a 184-pin glass-epoxy. Four 0.1uF decoupling capacitors are mounted on the
printed circuit board in parallel for each DDR SDRAM. The HDD32M72D9RPW is a DIMM(Dual in line Memory
Module) .Synchronous design allows precise cycle control with the use of system clock. Data I/O transactions are possible
on both edges of DQS. Range of operating frequencies, programmable latencies and burst lengths allows the same device
to be useful for a variety of high bandwidth, high performance memory sy stem applications. All module components may be
powered from a single 2.5V DC power supply and all inputs and outputs are SSTL_2 compatible.
FEATURES
Part Identification
HDD32M72D9RPW – 10A : 100MHz (CL=2)
HDD32M72D9RPW – 13A : 133MHz (CL=2)
HDD32M72D9RPW – 13B : 133MHz (CL=2.5)
• 2.5V ± 0.2V VDD and VDDQ power supply
• Double-data-rate architecture; two data transfers per clock cycle
• Bidirectional data strobe(DQS)
• Differential clock inputs(CK and /CK)
• DLL aligns DQ and DQS transition with CK transition
• Programmable Read latency 2, 2.5 (clock)
• Programmable Burst length (2, 4, 8)
• Programmable Burst type (sequential & interleave)
• Edge aligned data output, center aligned data input
• Auto & Self refresh, 7.8us refresh interval (8K/64ms refresh)
• The used device is 8M x 8bit x 4Banks DDR SDRAM
DDR SDRAM Module 256Mbyte (32Mx72bit), based on 32Mx8, 4Banks
8K Ref., 184Pin-DIMM with PLL & Register
Part No. HDD32M72D9RPW


Similar Part No. - HDD32M72D9RPW

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD32M72D18RPW HANBIT-HDD32M72D18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
More results

Similar Description - HDD32M72D9RPW

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD32M72D18RPW HANBIT-HDD32M72D18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72B18RPW HANBIT-HDD32M72B18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD64M72D18RPW HANBIT-HDD64M72D18RPW Datasheet
160Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
HDD64M72D18W HANBIT-HDD64M72D18W Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
HDD32M64F8 HANBIT-HDD32M64F8 Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HDD128M72D18RPW HANBIT-HDD128M72D18RPW Datasheet
447Kb / 14P
   DDR SDRAM Module 1024Mbyte (128Mx72bit), based on 64Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
HSD32M72D9H HANBIT-HSD32M72D9H Datasheet
158Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit),DIMM with ECC based on 32Mx8, 4Banks, 8K Ref., 3.3V
HDD16M72D9RPW HANBIT-HDD16M72D9RPW Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
HSD32M64D8H HANBIT-HSD32M64D8H Datasheet
84Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HDD32M72B9 HANBIT-HDD32M72B9 Datasheet
199Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on32Mx8,4Banks, 8K Ref., ECC Unbuffered SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com