Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDD32M72B9-16B Datasheet(PDF) 2 Page - Hanbit Electronics Co.,Ltd

Part # HDD32M72B9-16B
Description  DDR SDRAM Module 256Mbyte (32Mx72bit), based on32Mx8,4Banks, 8K Ref., ECC Unbuffered SO-DIMM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HDD32M72B9-16B Datasheet(HTML) 2 Page - Hanbit Electronics Co.,Ltd

  HDD32M72B9-16B Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HDD32M72B9-16B Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HDD32M72B9-16B Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HDD32M72B9-16B Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HDD32M72B9-16B Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HDD32M72B9-16B Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HDD32M72B9-16B Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HDD32M72B9-16B Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HDD32M72B9-16B Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HANBit
HDD32M72B9
URL : www.hbe.co.kr
2
HANBit Electronics Co.,Ltd.
REV 1.0 (July. 2003)
PIN ASSIGNMENT
*These pins should be NC in the system which does not support SPD
PIN
PIN DESCRIPTION
PIN
PIN DESCRIPTION
A0~A12
Address input
VDD
Power supply(2.5V)
BA0~BA1
Bank Select Address
VDDQ
Power supply for DQs(2.5V)
DQ0~DQ63(CB0~CB7)
Data input/output
(Check Bit Data In/Out)
VREF
Power supply for reference
DQS0~DQS8
Data Strobe input/output
VDDSPD
Serial EEPROM Power supply(2.3V~3.3V)
DM0~DM8
Data-in Mask
VSS
Ground
CK0~CK2,/CK0~/CK2
Clock input
SA0~SA2
Address in EEPROM
CKE0~CKE1
Clock enable input
SDA
Serial data I/O
/CS0
Chip Select input
SCL
Serial clock
/RAS, /CAS
Row / Column Address strobe
WP
Write protection
NC
No connection
VDDID
VDD identification flag
PIN
Front
PIN
Back
PIN
Frontl
PIN
Back
PIN
Front
PIN
Back
1
VREF
2
VREF
67
DQ27
68
DQ31
133
DQS4
134
DM4
3
VSS
4
VSS
69
VDD
70
VDD
135
DQ34
136
DQ38
5
DQ0
6
DQ4
71
CB0
72
CB4
137
VSS
138
VSS
7
DQ1
8
DQ5
73
CB1
74
CB5
139
DQ35
140
DQ39
9
VDD
10
VDD
75
Vss
76
Vss
141
DQ40
142
DQ44
11
DQS0
12
DM0
77
DQS8
78
DM8
143
VDD
144
VDD
13
DQ2
14
DQ6
79
CB2
80
CB6
145
DQ41
146
DQ45
15
VSS
16
VSS
81
VDD
82
VDD
147
DQS5
148
DM5
17
DQ3
18
DQ7
83
CB3
84
CB7
149
VSS
150
VSS
19
DQ8
20
DQ12
85
NC
86
NC(/RESET)
151
DQ42
152
DQ46
21
VDD
22
VDD
87
VSS
88
VSS
153
DQ43
154
DQ47
23
DQ9
24
DQ13
89
CK2
90
VSS
155
VDD
156
VDD
25
DQS1
26
DM1
91
/CK2
92
VDD
157
VDD
158
/CK1
27
VSS
28
VSS
93
VDD
94
VDD
159
VSS
160
CK1
29
DQ10
30
DQ14
95
CKE1
96
CKE0
161
VSS
162
VSS
31
DQ11
32
DQ15
97
NC(A13)
98
NC (BA2)
163
DQ48
164
DQ52
33
VDD
34
VDD
99
A12
100
A11
165
DQ49
166
DQ53
35
CK0
36
VDD
101
A9
102
A8
167
VDD
168
VDD
37
/CK0
38
VSS
103
VSS
104
VSS
169
DQS6
170
DM6
39
VSS
40
VSS
105
A7
106
A6
171
DQ50
172
DQ54
41
DQ16
42
DQ20
107
A5
108
A4
173
VSS
174
VSS
43
DQ17
44
DQ21
109
A3
110
A2
175
DQ51
176
DQ55
45
VDD
46
VDD
111
A1
112
A0
177
DQ56
178
DQ60
47
DQS2
48
DM2
113
VDD
114
VDD
179
VDD
180
VDD
49
DQ18
50
DQ22
115
A10/AP
116
BA1
181
DQ57
182
DQ61
51
VSS
52
VSS
117
BA0
118
/RAS
183
DQS7
184
DM7
53
DQ19
54
DQ23
119
/WE
120
/CAS
185
VSS
186
VSS
55
DQ24
56
DQ28
121
/CS0
122
NC
187
DQ58
188
DQ62
57
VDD
58
VDD
123
NC
124
NC
189
DQ59
190
DQ63
59
DQ25
60
DQ29
125
VSS
126
VSS
191
VDD
192
VDD
61
DQS3
62
DM3
127
DQ32
128
DQ36
193
SDA
194
*SA0
63
VSS
64
VSS
129
DQ33
130
DQ37
195
SCL
196
*SA1
65
DQ26
66
DQ30
131
VDD
132
VDD
197
VDDSPD
198
*SA2
199
VDDID
200
NC


Similar Part No. - HDD32M72B9-16B

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD32M72B18RPW HANBIT-HDD32M72B18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72B18RW-13A HANBIT-HDD32M72B18RW-13A Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72B18RW-13A HANBIT-HDD32M72B18RW-13A Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72B18RW-13B HANBIT-HDD32M72B18RW-13B Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72B18RW-13B HANBIT-HDD32M72B18RW-13B Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
More results

Similar Description - HDD32M72B9-16B

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD32M64B8 HANBIT-HDD32M64B8 Datasheet
162Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on32Mx8,4Banks, 8K Ref., SO-DIMM
HDD32M72D9RPW HANBIT-HDD32M72D9RPW Datasheet
408Kb / 10P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 32Mx8, 4Banks 8K Ref., 184Pin-DIMM with PLL & Register
HSD32M72D9H HANBIT-HSD32M72D9H Datasheet
158Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit),DIMM with ECC based on 32Mx8, 4Banks, 8K Ref., 3.3V
HDD32M72D18RPW HANBIT-HDD32M72D18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72B18RPW HANBIT-HDD32M72B18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HSD32M72D18A HANBIT-HSD32M72D18A Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A DLGHANBIT-HSD32M72D18A Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD128M72B9K HANBIT-HSD128M72B9K Datasheet
207Kb / 11P
   Synchronous DRAM Module 1024Mbyte (128Mx72Bit), 8K Ref., 3.3V ECC Unbuffered SO-DIMM,
HDD32M64F8 HANBIT-HDD32M64F8 Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HSD32M72D18P HANBIT-HSD32M72D18P Datasheet
179Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com