Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HSH2011NIEO Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part No. HSH2011NIEO
Description  Lamps for Photolithography
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERKINELMER [PerkinElmer Optoelectronics]
Homepage  http://www.perkinelmer.com
Logo 

HSH2011NIEO Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Nikon NSR-2205 i12
SUV-2011NIL
HBO2011W/NIL
PerkinElmer welcomes inquiries about special lamps. We would be pleased to discuss the requirements of your application and the feasibility of
designing a lamp specifically suited to your needs.
For more information e-mail us at opto@perkinelmer.com or visit our web site at www.perkinelmer.com/opto.
All values are nominal; specifications subject to change without notice.
© 2000 PerkinElmer inc. All rights reserved.
07/01
.
www.perkinelmer.com/opto
USA:
PerkinElmer Optoelectronics
399 West Java Drive
Sunnyvale, CA 94089
Phone: (408) 745-7900
Fax: (408) 744-0829
Europe:
PerkinElmer Optoelectronics GmbH
Wenzel-Jaksch-Str. 31
65199 Wiesbaden
Germany
Phone: +49 611 492 0
Fax: +49 611 492 177
Asia:
PerkinElmer Optoelectronics
47 Ayer Rajah Crescent #06-12
Singapore 139947
Phone: +65 775 2022
Fax: +65 775 1008
Description
Power
Current
Voltage
Current Ripple
Temperature (at base)
Lifetime
Nominal
2000 watts
80 amps (DC)
25 volts (DC)
3%
220ºC (max)
2500 hours
Range
71-91 amps (DC)
22-28 volts (DC)
Operational Specifications
HSH2011NIEO
Physical Specifications
Description
Arc Gap
Anode Base
Cathode Base
Specification
4.5 mm (max)
27 mm Dia and Cable
27 mm Dia (M12-P1.5)
Typical Performance Graph
Notes
1.
Lamp must be operated with cathode end down and
anode end up. Inclination of lamp axis to vertical
must not exceed 10º.
Dimensions
o 52.5 MAX
110.0
257.0 MAX
235.0
Spectral Output
ANODE (+)
END UP
CATHODE (-)
END DOWN
Part Number References
Used In
Replaces
Hours of Operation
Wavelength (nm)
All dimensions are in millimeters.
0
10
20
30
40
50
60
70
80
90
100
250
300
350
400
450
500
550
600
650
700
750
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HSH1000NEOLamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH2002NIEOLamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH1000UEOLamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH2501NIL0Lamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH1002CEOLamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH2510NIL0Lamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH1002GEOLamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH3500PILOLamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH1002NEOLamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH3501PILOLamps for Photolithography 1 2 PerkinElmer Optoelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn