Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1229-001 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # SMV1229-001
Description  SILICON HYPERABRUPT TUNING VARACTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

SMV1229-001 Datasheet(HTML) 1 Page - Advanced Semiconductor

  SMV1229-001 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TA = 25 °C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
VR
IR = 10
µA
15
18
V
IR
VR = 10 V
30
100
nA
CT4
VR = 4.0 V
f = 1.0 MHz
105
115
pF
CT8
VR = 8.0 V
f = 1.0 MHz
41
48.6
pF
∆∆∆∆C
T
VR = 4.0 to 8.0 V
f = 1.0 MHz
1.8
2.8
RATIO
Q
VR = 4.0V
f = 50 MHz
80
110
SILICON HYPERABRUPT TUNING VARACTOR
SMV1229-001
DESCRIPTION:
The
ASI SMV1229-001 is a Silicon
Hyperabrupt Tuning Varactor Diode
Designed for VHF Applications.
MAXIMUM RATINGS
IF
40 mA
VR
15 V
PDISS
200 mW @ TA = 25 °C
TJ
-55 °C to +175 °C
TSTG
-55 °C to +175 °C
PACKAGE STYLE SOT-23
PIN 1 = ANODE
PIN 2 = CATHODE


Similar Part No. - SMV1229-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1220-079LF SKYWORKS-SMV1220-079LF Datasheet
419Kb / 6P
   Hyperabrupt Junction Tuning Varactor
More results

Similar Description - SMV1229-001

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
KV2101A ASI-KV2101A Datasheet
24Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
KV2101 ASI-KV2101 Datasheet
25Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
AHV1001A ASI-AHV1001A Datasheet
22Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
AHV1001 ASI-AHV1001 Datasheet
51Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
KV2801 ASI-KV2801 Datasheet
16Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
KV2101-150 ASI-KV2101-150 Datasheet
28Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
AHV2000 ASI-AHV2000 Datasheet
16Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
DKV6522 ASI-DKV6522 Datasheet
13Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR DIODE
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1135-004 SKYWORKS-SMV1135-004 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com