Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YW396-04V Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # YW396-04V
Description  3.96mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

YW396-04V Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  YW396-04V Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - YW396-04V

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
YW396-04B YEONHO-YW396-04B Datasheet
217Kb / 1P
   3.96mm PITCH CONNECTOR
More results

Similar Description - YW396-04V

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
YW396-NNB YEONHO-YW396-NNB Datasheet
217Kb / 1P
   3.96mm PITCH CONNECTOR
YAW396 YEONHO-YAW396 Datasheet
257Kb / 1P
   3.96mm PITCH CONNECTOR
YT396J YEONHO-YT396J Datasheet
161Kb / 1P
   3.96mm PITCH CONNECTOR
YH396-NNV YEONHO-YH396-NNV Datasheet
233Kb / 1P
   3.96mm PITCH CONNECTOR
SMT396 YEONHO-SMT396 Datasheet
135Kb / 1P
   3.96mm PITCH CONNECTOR
logo
List of Unclassifed Man...
DS1072 ETC-DS1072 Datasheet
316Kb / 1P
   P.C.B CONNECTOR Pitch 3.96mm
logo
Hirose Electric
CR6-06S-3.96E HIROSE-CR6-06S-3.96E Datasheet
125Kb / 4P
   3.96mm Pitch Card Edge Connector
CR7E-12DB-3.96E HIROSE-CR7E-12DB-3.96E Datasheet
177Kb / 6P
   3.96mm and 4mm Pitch Card Edge Connector
DF6 HIROSE-DF6 Datasheet
127Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
DF6-1P-3.96C HIROSE-DF6-1P-3.96C Datasheet
139Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com