Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

D1504-8M Datasheet(PDF) 1 Page - Advanced Semiconductor

Part No. D1504-8M
Description  SILICON SCHOTTKY BARRIER MIXER DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASI [Advanced Semiconductor]
Homepage  http://www.advancedsemiconductor.com
Logo 

D1504-8M Datasheet(HTML) 1 Page - Advanced Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
NF
PLO = 1.0 mW
NFIF = 1.5 dB
f = 9375 MHz
7.0
dB
CL
5.5
dB
ZIF
IF IMPEDANCE
250
450
Ohms
VSWR
1.5
SILICON SCHOTTKY BARRIER MIXER DIODE
D1504-8M
DESCRIPTION:
The
D1504-8M is a Matched Pair of
Silicon Schottky Barrier Mixer Diodes.
MAXIMUM RATINGS
I
20 mA
V
3.0 V
PDISS
300 mW/CW @ TC = 25
OC
TJ
-55
OC to+150 OC
TSTG
-55
OC to+150 OC
PACKAGE STYLE DO-23


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn