Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH5D28 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH5D28
Description  POWER INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH5D28 Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH5D28 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER INDUCTORS
TYPE
DIMENSIONS(mm)
CONSTRUCTION
SPECIFICATIONS
形名
外形寸法図
磁気構造図
仕様
POWER INDUCTORS
6.5
2.8MAX.
7.0MAX.
Inductance : 2.2µH – 100µH
D.C.R. : 22m
Ω – 560mΩ
Rated Current : 500mA – 3.2A
CDRH6D26
5.7MAX.
7.6MAX.
2.0MAX.
1.25
0.55
(0.83)
5.93
(0.83)
Inductance : 2.2µH – 330µH
D.C.R. : 81m
Ω – 7.15Ω
Rated Current : 70mA – 1.36A
CLQ61
5.7MAX.
7.6MAX.
2.0MAX.
1.25
0.55
(0.83)
5.93
(0.83)
Inductance : 2.2µH – 330µH
D.C.R. : 81m
Ω – 7.15Ω
Rated Current : 70mA – 1.36A
CLQ61B
6.5
7.0MAX.
3.0MAX.
Inductance : 3.0µH – 100µH
D.C.R. : 24m
Ω – 535mΩ
Rated Current : 540mA – 3.0A
CDRH6D28
2.0
3.0MAX.
6.2MAX.
Inductance : 2.5µH – 100µH
D.C.R. : 17.6m
Ω – 520mΩ
Rated Current : 400mA – 2.6A
CDRH5D28R
1.5MAX.
6.8
6.7MAX.
Inductance : 1.0µH – 68µH
D.C.R. : 37.5m
Ω – 920mΩ
Saturation Rated Current : 450mA – 3.5A
Temperature Rise Current (Typ) : 400mA – 2.8A
CDRH6D12
2.0MAX.
5.5
6.0MAX.
Inductance : 4.1µH – 100µH
D.C.R. : 57m
Ω – 1.2Ω
Rated Current : 360mA – 1.95A
CDRH5D18
5.5
6.0MAX.
3.0MAX.
Inductance : 2.5µH – 100µH
D.C.R. : 18m
Ω – 520mΩ
Rated Current : 420mA – 2.6A
CDRH5D28


Similar Part No. - CDRH5D28

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH5D28 SUMIDA-CDRH5D28 Datasheet
237Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH5D28 SUMIDA-CDRH5D28 Datasheet
101Kb / 2P
   POWER INDUCTORS
logo
ECM Electronics Limited...
CDRH5D28 ECM-CDRH5D28 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH5D28 AITCOMPONENTS-CDRH5D28 Datasheet
30Kb / 1P
   CDRH6D28 SMD POWER INDUCTOR
logo
ECM Electronics Limited...
CDRH5D28-100 ECM-CDRH5D28-100 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
More results

Similar Description - CDRH5D28

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com