Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HSH1000UEO Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part No. HSH1000UEO
Description  Lamps for Photolithography
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERKINELMER [PerkinElmer Optoelectronics]
Homepage  http://www.perkinelmer.com
Logo 

HSH1000UEO Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PerkinElmer welcomes inquiries about special lamps. We would be pleased to discuss the requirements of your application and the feasibility of
designing a lamp specifically suited to your needs.
For more information e-mail us at opto@perkinelmer.com or visit our web site at www.perkinelmer.com/opto.
All values are nominal; specifications subject to change without notice.
© 2000 PerkinElmer inc. All rights reserved.
.
www.perkinelmer.com/opto
USA:
PerkinElmer Optoelectronics
44370 Christy St.
Fremont, CA 94538
Phone: (510) 979-6500
Fax: (510) 687-1140
Europe:
PerkinElmer Optoelectronics GmbH
Wenzel-Jaksch-Str. 31
65199 Wiesbaden
Germany
Phone: +49 611 492 0
Fax: +49 611 492 177
Asia:
PerkinElmer Optoelectronics
47 Ayer Rajah Crescent #06-12
Singapore 139947
Phone: +65 775 2022
Fax: +65 775 1008
Description
Power (idling mode)
Power (flash mode)
Current (idling mode)
Current (flash mode)
Voltage (idling mode)
Voltage (flash mode)
Current Ripple
Temperature (at base)
Lifetime
Nominal
700 watts
1000 watts
16 amps (DC)
21.3 amps (DC)
44 volts (DC)
47 volts (DC)
3%
220ºC (max)
2500 hours
Range
650-750 watts
1050 watts (max)
14.2-17.8 amps (DC)
19-23.6 amps (DC)
39-49 volts (DC)
42-52 volts (DC)
Operational Specifications
HSH1000UEO
Physical Specifications
Description
Arc Gap
Anode Base
Cathode Base
Specification
3.0 mm (max)
14 mm Dia and Cable
15 mm Dia (M8-P1.25)
Typical Performance Graph
Notes
1.
Lamp must be operated with cathode end up and
anode end down. Inclination of lamp axis to vertical
must not exceed 10º.
Dimensions
Ø 29 MAX
182.5
195 MAX
94
Spectral Output
ANODE (+)
END DOWN
CATHODE (-)
END UP
Part Number References
Used In
Replaces
Hours of Operation
Wavelength (nm)
ULTRATECH 2700
USH1000FAL2
All dimensions are in millimeters.
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
0
10
20
30
40
50
60
70
80
90
100
250
300
350
400
450
500
550
600
650
700
750
DS-177 Rev B 1101


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HSH1000NEOLamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH2011NIEOLamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH1002CEOLamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH2501NIL0Lamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH1002GEOLamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH2510NIL0Lamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH1002NEOLamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH3500PILOLamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH1002NILOLamps for Photolithography 1 2 PerkinElmer Optoelectronics
HSH3501PILOLamps for Photolithography 1 2 PerkinElmer Optoelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn