Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASTD-2030-860 Datasheet(PDF) 3 Page - Advanced Semiconductor

Part # ASTD-2030-860
Description  PLANAR TUNNEL (BACK) DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASTD-2030-860 Datasheet(HTML) 3 Page - Advanced Semiconductor

  ASTD-2030-860 Datasheet HTML 1Page - Advanced Semiconductor ASTD-2030-860 Datasheet HTML 2Page - Advanced Semiconductor ASTD-2030-860 Datasheet HTML 3Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
3/3
ASTD SERIES
PLANAR TUNNEL (BACK) DIODE
Specifications are subject to change without notice.
PACKAGE STYLE 820
PACKAGE STYLE 860


Similar Part No. - ASTD-2030-860

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
350Kb / 4P
   LED Holder for 3 mm and 5 mm LED
logo
Vishay Siliconix
AST VISHAY-AST Datasheet
118Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
360Kb / 4P
   LED Holder for 3 mm and 5 mm LED
04.01.2022
logo
Conquer Electronics Co....
AST CONQUER-AST Datasheet
286Kb / 1P
   Mini-Blade Type, Transparent Body
logo
Projects Unlimited, Inc...
AST-01508MR-R PUI-AST-01508MR-R Datasheet
189Kb / 1P
   Speaker
More results

Similar Description - ASTD-2030-860

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80T6007 PASTERNACK-PE80T6007 Datasheet
602Kb / 5P
   Tunnel Diode Detector
PE80T6008 PASTERNACK-PE80T6008 Datasheet
602Kb / 5P
   Tunnel Diode Detector
PE80T6017 PASTERNACK-PE80T6017 Datasheet
602Kb / 5P
   Tunnel Diode Detector
PE80T6019 PASTERNACK-PE80T6019 Datasheet
603Kb / 5P
   Tunnel Diode Detector
PE80T6020 PASTERNACK-PE80T6020 Datasheet
603Kb / 5P
   Tunnel Diode Detector
PE80T6003 PASTERNACK-PE80T6003 Datasheet
603Kb / 5P
   Tunnel Diode Detector
PE80T6006 PASTERNACK-PE80T6006 Datasheet
602Kb / 5P
   Tunnel Diode Detector
PE80T6010 PASTERNACK-PE80T6010 Datasheet
602Kb / 5P
   Tunnel Diode Detector
PE80T6014 PASTERNACK-PE80T6014 Datasheet
602Kb / 5P
   Tunnel Diode Detector
PE80T6015 PASTERNACK-PE80T6015 Datasheet
603Kb / 5P
   Tunnel Diode Detector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com