Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FX-4400 Datasheet(PDF) 3 Page - PerkinElmer Optoelectronics

Part No. FX-4400
Description  High Output Xenon Flashlamp
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PERKINELMER [PerkinElmer Optoelectronics]
Homepage  http://www.perkinelmer.com
Logo 

FX-4400 Datasheet(HTML) 3 Page - PerkinElmer Optoelectronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Lamp Life and Peak Current vs. Input Energy
1.00E+08
1.00E+09
1.00E+10
0
100
200
300
400
500
600
700
800
900
1000
1100
Input Energy (mJ per flash)
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
Lamp Life (# flashes)
Peak Current (Amps)
Notes:
1) A 0.8 uH choke must be included in the cathode side of the
discharge circuit for an input energy of 0.8J and above.
2) Number of flashes to 50% of initial radiometric light output.
3) Forced-air cooling required above 40 Watt operation.
Lamp Life
Spectral Output
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
200
300
400
500
600
700
800
900
1000
1100
Wavelength (nm)
Spectral Output
FX-4400 Pulse Width (t=1/3 peak)
0
1
2
3
4
5
6
0
100
200
300
400
500
600
700
800
900
1000
1100
Input Energy (mJ )
Pulse Width


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn