Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C30921S Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part # C30921S
Description  Silicon Avalanche Photodiodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

C30921S Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

  C30921S Datasheet HTML 1Page - PerkinElmer Optoelectronics C30921S Datasheet HTML 2Page - PerkinElmer Optoelectronics C30921S Datasheet HTML 3Page - PerkinElmer Optoelectronics C30921S Datasheet HTML 4Page - PerkinElmer Optoelectronics C30921S Datasheet HTML 5Page - PerkinElmer Optoelectronics C30921S Datasheet HTML 6Page - PerkinElmer Optoelectronics C30921S Datasheet HTML 7Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EVERYTHING
IN A
NEW
LIGHT.
Description
PerkinElmer Type C30902E avalanche
photodiode utilizes a silicon detector chip
fabricated with a double-diffused "reach-
through" structure. This structure provides
high responsivity between 400 and 1000 nm
as well as extremely fast rise and fall times
at all wavelengths. Because the fall time
characteristics have no "tail”, the
responsivity of the device is independent of
modulation frequency up to about 800 MHz.
The detector chip is hermetically-sealed
behind a flat glass window in a modified TO-
18 package. The useful diameter of the
photosensitive surface is 0.5 mm.
PerkinElmer Type C30921E utilizes the
same silicon detector chip as the C30902E,
but in a package containing a lightpipe
which allows efficient coupling of light to the
detector from either a focussed spot or an
optical fiber up to 0.25 mm in diameter. The
internal end of the lightpipe is close enough
to the detector surface to allow all of the
illumination exiting the lightpipe to fall within
the active-area of the detector. The
hermetically-sealed TO-18 package allows
fibers to be epoxied to the end of the
lightpipe to minimize signal losses without
fear of endangering detector stability.
The C30902E and C309021E are designed
for a wide variety of uses including optical
communications at data rates to 1
GBit/second, laser range-finding, and any
other applications requiring high speed
and/or high responsivity.
Silicon Avalanche Photodiodes
C30902E, C30902S, C30921E, C30921S
High Speed Solid State Detectors for
Fiber Optic and Very Low Light-Level Applications
Features
• High Quantum Efficiency 77% Typical at 830 nm
• C30902S and C30921S in Geiger Mode:
Single-Photon Detection Probability to 50%
Low Dark-Count Rate at 5% Detection Probability - Typically
15,000/second at +22°C
350/second at -25°C
Count Rates to 2 x 106/second
• Hermetically Sealed Package
• Low Noise at Room Temperature
C30902E, C30921E - 2.3 x 10-13 A/Hz1/2
C30902S, C30921S - 1.1 x 10-13 A/Hz1/2
• High Responsivity - Internal Avalanche Gains in Excess of 150
• Spectral Response Range - (10% Points) 400 to 1000 nm
• Time Response - Typically 0.5 ns
• Wide Operating Temperature Range - -40°C to +70°C


Similar Part No. - C30921S

ManufacturerPart #DatasheetDescription
logo
Powerbox
C309 POWERBOX-C309 Datasheet
376Kb / 1P
   150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Hubbell Incorporated.
C3090032 HUBBELL-C3090032 Datasheet
372Kb / 1P
   Anchor, Tool, Earth Probe Kit
C3090033 HUBBELL-C3090033 Datasheet
355Kb / 1P
   Anchor, Tool, Probe extension only
logo
List of Unclassifed Man...
C30916E ETC1-C30916E Datasheet
734Kb / 4P
   Large Area Silicon Avalanche Photodiode for General-Purpose Applications
C30919E ETC1-C30919E Datasheet
623Kb / 3P
   Photodiode-Preamplifier Module
More results

Similar Description - C30921S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
   Silicon PIN Photodiodes
logo
Clairex Technologies, I...
CLD240 CLAIREX-CLD240 Datasheet
152Kb / 2P
   Silicon PIN Photodiodes
logo
Advanced Photonix, Inc.
PDB-V609-3 ADVANCEDPHOTONIX-PDB-V609-3 Datasheet
91Kb / 1P
   Solderable Silicon Photodiodes
PDB-C612-2 ADVANCEDPHOTONIX-PDB-C612-2 Datasheet
94Kb / 1P
   Solderable Silicon Photodiodes
logo
Luna Innovations Incorp...
PDB-V601-1 LUNA-PDB-V601-1 Datasheet
165Kb / 2P
   Solderable Silicon Photodiodes
PDB-C615-2 LUNA-PDB-C615-2 Datasheet
190Kb / 2P
   Solderable Silicon Photodiodes
PDB-V612-2 LUNA-PDB-V612-2 Datasheet
96Kb / 2P
   Solderable Silicon photodiodes
logo
List of Unclassifed Man...
CLD240 ETC1-CLD240 Datasheet
148Kb / 2P
   Silicon PIN Photodiodes
logo
Advanced Photonix, Inc.
PDB-V612-2 ADVANCEDPHOTONIX-PDB-V612-2 Datasheet
94Kb / 1P
   Solderable Silicon Photodiodes
PDB-C609-3 ADVANCEDPHOTONIX-PDB-C609-3 Datasheet
94Kb / 1P
   Solderable Silicon Photodiodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com