Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0105-100 Datasheet(PDF) 1 Page - GHz Technology

Part # 0105-100
Description  100 Watts, 28 Volts, Class AB Defcom 100 - 500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

0105-100 Datasheet(HTML) 1 Page - GHz Technology

  0105-100 Datasheet HTML 1Page - GHz Technology 0105-100 Datasheet HTML 2Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT
BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS,
THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
0105-100
100 Watts, 28 Volts, Class AB
Defcom 100 - 500
MHz
GENERAL DESCRIPTION
The 0105-100 is a double input matched COMMON EMITTER broadband
transistor specifically intended for use in the 100-500 MHz frequency band. It
may be operated in Class AB or C. Gold metallization and silicon diffused
resistors ensure ruggedness and high reliability.
CASE OUTLINE
55JT, Style 2
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
270 Watts
o
Maximum Voltage and Current
BVces
Collector to Emiter Voltage
65 Volts
BVebo
Emitter to Base Voltage
4.0 Volts
Ic
Collector Current
16 A
Maximum Temperatures
Storage Temperature
- 40 to +150 C
o
Operating Junction Temperature
+200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
ηc
VSWR
Power Output
Power Input
Power Gain
Efficiency
Load Mismatch Tolerance
F = 500 MHz
Vcc = 28 Volts
100
6.2
18
7.5
50
24
5:1
Watts
Watts
dB
%
BVebo
BVces
BVceo
Cob
2
h
FE
θjc
Emitter to Base Breakdown
Collector to Emitter Breakdown
Collector to Emitter Breakdown
Output Capacitance
DC - Current Gain
Thermal Resistance
Ie = 5 mA
Ic = 100 mA
Ie = 50 mA
Vcb = 28 V, F = 1 MHz
Vce = 5 V, Ic = 500 mA
4.0
60
31
10
140
0.65
Volts
Volts
Volts
pF
C/W
o
Note 2: Both sides together, all other specifications each side tested separately
Issue August 1996


Similar Part No. - 0105-100

ManufacturerPart #DatasheetDescription
logo
GHz Technology
0105-50 GHZTECH-0105-50 Datasheet
148Kb / 3P
   50 Watts, 28 Volts, Class AB Defcom 100 - 500 MHz
More results

Similar Description - 0105-100

ManufacturerPart #DatasheetDescription
logo
GHz Technology
0105-50 GHZTECH-0105-50 Datasheet
148Kb / 3P
   50 Watts, 28 Volts, Class AB Defcom 100 - 500 MHz
VMIL100 GHZTECH-VMIL100 Datasheet
137Kb / 2P
   100 Watts, 28 Volts, Class AB Defcom 100 - 200 MHz
UMIL100A GHZTECH-UMIL100A Datasheet
133Kb / 2P
   100 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
UMIL100 GHZTECH-UMIL100 Datasheet
168Kb / 3P
   100 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
logo
Advanced Power Technolo...
UMIL10 ADPOW-UMIL10 Datasheet
80Kb / 2P
   100 Watts, 28 Volts, Class AB or C Defcom 100 - 400 MHz
logo
GHz Technology
UMIL80 GHZTECH-UMIL80 Datasheet
138Kb / 2P
   80 Watts, 28 Volts, Class AB Defcom 200 - 500 MHz
0510-50A GHZTECH-0510-50A Datasheet
290Kb / 2P
   50 Watts, 28 Volts, Class AB Defcom 500 - 1000 MHz
VAM80 GHZTECH-VAM80 Datasheet
295Kb / 3P
   80 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz
VAM40 GHZTECH-VAM40 Datasheet
286Kb / 3P
   40 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz
VAM120 GHZTECH-VAM120 Datasheet
262Kb / 2P
   120 Watts, 27 Volts, Class AB Defcom 100 - 150 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com