Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTM100UM45D-ALN Datasheet(PDF) 6 Page - Advanced Power Technology

Part No. APTM100UM45D-ALN
Description  Single switch with Series diode MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo 

APTM100UM45D-ALN Datasheet(HTML) 6 Page - Advanced Power Technology

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM100UM45D-AlN
APT website – http://www.advancedpower.com
6 – 6
Delay Times vs Current
td(on)
td(off)
0
30
60
90
120
150
80 120 160 200 240 280 320 360 400
ID, Drain Current (A)
VDS=670V
RG=0.5Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
80 120 160 200 240 280 320 360 400
ID, Drain Current (A)
VDS=670V
RG=0.5Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
4
8
12
16
20
24
80 120 160 200 240 280 320 360 400
ID, Drain Current (A)
VDS=670V
RG=0.5Ω
TJ=125°C
L=100µH
Eon
Eoff
0
6
12
18
24
30
36
01
23
45
6
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=670V
ID=215A
TJ=125°C
L=100µH
Hard
switching
ZCS
0
50
100
150
200
250
300
20
50
80
110
140
170
200
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=670V
D=50%
RG=0.5Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn