Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTM100UM45D-ALN Datasheet(PDF) 2 Page - Advanced Power Technology

Part No. APTM100UM45D-ALN
Description  Single switch with Series diode MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo 

APTM100UM45D-ALN Datasheet(HTML) 2 Page - Advanced Power Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTM100UM45D-AlN
APT website – http://www.advancedpower.com
2 – 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
BVDSS
Drain - Source Breakdown Voltage
VGS = 0V, ID = 1.5mA
1000
V
VGS = 0V,VDS= 1000V
Tj = 25°C
600
µA
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS= 800V
Tj = 125°C
3
mA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 107.5A
45
m
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 30mA
3
5
V
IGSS
Gate – Source Leakage Current
VGS = ±30 V, VDS = 0V
±600
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
42.7
Coss
Output Capacitance
7.6
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
1.3
nF
Qg
Total gate Charge
1602
Qgs
Gate – Source Charge
204
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 500V
ID = 215A
1038
nC
Td(on)
Turn-on Delay Time
18
Tr
Rise Time
14
Td(off)
Turn-off Delay Time
140
Tf
Fall Time
Inductive switching @ 125°C
VGS = 15V
VBus = 670V
ID = 215A
RG = 0.5Ω
55
ns
Eon
Turn-on Switching Energy
7.2
Eoff
Turn-off Switching Energy
Inductive switching @ 25°C
VGS = 15V, VBus = 670V
ID = 215A, RG = 0.5Ω
4.3
mJ
Eon
Turn-on Switching Energy
12
Eoff
Turn-off Switching Energy
Inductive switching @ 125°C
VGS = 15V, VBus = 670V
ID = 215A, RG = 0.5Ω
5.8
mJ
Eon includes diode reverse recovery.
In accordance with JEDEC standard JESD24-1.
Series diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Repetitive Reverse Voltage
1000
V
IRM
Maximum Reverse Leakage Current
VR=1000V
Tj = 125°C
3
mA
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tj = 90°C
360
A
IF = 360A
1.9
2.5
IF = 720A
2.2
VF
Diode Forward Voltage
IF = 360A
Tj = 125°C
1.7
V
Tj = 25°C
280
trr
Reverse Recovery Time
IF = 360A
VR = 667V
di/dt = 800A/µs
Tj = 125°C
350
ns
Tj = 25°C
4.56
Qrr
Reverse Recovery Charge
IF = 360A
VR = 667V
di/dt = 800A/µs
Tj = 125°C
21.6
µC


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn