Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

APTM100UM45D-ALN Datasheet(PDF) 1 Page - Advanced Power Technology

Part No. APTM100UM45D-ALN
Description  Single switch with Series diode MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo 

APTM100UM45D-ALN Datasheet(HTML) 1 Page - Advanced Power Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM100UM45D-AlN
APT website – http://www.advancedpower.com
1 – 6
SK
DK
G
SD
D
S
DK
G
SK
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1000
V
Tc = 25°C
215
ID
Continuous Drain Current
Tc = 80°C
160
IDM
Pulsed Drain current
860
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
45
m
PD
Maximum Power Dissipation
Tc = 25°C
5000
W
IAR
Avalanche current (repetitive and non repetitive)
30
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3200
mJ
VDSS = 1000V
RDSon = 45mΩ max @ Tj = 25°C
ID = 215A @ Tc = 25°C
Application
Zero Current Switching resonant mode
Features
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
Kelvin source for easy drive
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
High level of integration
AlN substrate for improved thermal performance
Benefits
Outstanding performance at high frequency
operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Low profile
Single switch
with Series diode
MOSFET Power Module


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn