Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTM100U13S Datasheet(PDF) 2 Page - Advanced Power Technology

Part No. APTM100U13S
Description  Single switch Series & parallel diodes MOSFET Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo 

APTM100U13S Datasheet(HTML) 2 Page - Advanced Power Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTM100U13S
APT website – http://www.advancedpower.com
2 – 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VGS = 0V,VDS= 1000V
Tj = 25°C
100
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS= 800V
Tj = 125°C
400
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 32.5A
130
145
m
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 10mA
2
4
V
IGSS
Gate – Source Leakage Current
VGS = ±30 V, VDS = 0V
±200
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
26.4
31.6
Coss
Output Capacitance
2.38
3.32
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
1.16
1.72
nF
Qg
Total gate Charge
1340 2000
Qgs
Gate – Source Charge
116
180
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 500V
ID = 65A
660
1000
nC
Td(on)
Turn-on Delay Time
20
Tr
Rise Time
20
Td(off)
Turn-off Delay Time
125
Tf
Fall Time
Inductive Switching @ 25°C
VGS = 15V
VBus = 667V
ID = 65A
RG = 1.5Ω
40
ns
Eon
Turn-on Switching Energy
2.6
Eoff
Turn-off Switching Energy
Inductive switching @ 25°C
VGS = 15V, VBus = 667V
ID = 65A, RG = 1.5Ω
1.6
µJ
Eon
Turn-on Switching Energy
4.2
Eoff
Turn-off Switching Energy
Inductive switching @ 125°C
VGS = 15V, VBus = 667V
ID = 65A, RG = 1.5Ω
1.82
µJ
RthJC
Junction to Case
0.1
°C/W
Series diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
200
V
Tj = 25°C
350
IRM
Maximum Reverse Leakage Current
VR=200V
Tj = 125°C
600
µA
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 80°C
120
A
IF = 120A
1.1
1.15
IF = 240A
1.4
VF
Diode Forward Voltage
IF = 120A
Tj = 125°C
0.9
V
Tj = 25°C
31
trr
Reverse Recovery Time
Tj = 125°C
60
ns
Tj = 25°C
120
Qrr
Reverse Recovery Charge
IF = 120A
VR = 133V
di/dt = 400A/µs
Tj = 125°C
500
nC
RthJC
Junction to Case
0.46
°C/W


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn