Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1060632 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1060632
Description  Web panel - BWP 2070W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1060632 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  1060632 Datasheet HTML 1Page - PHOENIX CONTACT 1060632 Datasheet HTML 2Page - PHOENIX CONTACT 1060632 Datasheet HTML 3Page - PHOENIX CONTACT 1060632 Datasheet HTML 4Page - PHOENIX CONTACT 1060632 Datasheet HTML 5Page - PHOENIX CONTACT 1060632 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Accessories
Touch pen
Touch pen - TOUCH PEN - 2701379
https://www.phoenixcontact.com/us/products/2701379
Touch pen for analog-resistive HMIs, silver coated. Delivery includes self-
adhesive pen holder.
PCB connector
PCB connector - MSTB 2,5/ 3-ST-5,08 - 1757022
https://www.phoenixcontact.com/us/products/1757022
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current:
12 A, rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Female
connector, number of potentials: 3, number of rows: 1, number of positions: 3,
number of connections: 3, product range: MSTB 2,5/..-ST, pitch: 5.08 mm,
connection method: Screw connection with tension sleeve, screw head form: L
Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip,
plug-in system: COMBICON MSTB 2,5, locking: without, mounting: without, type
of packaging: packed in cardboard
Phoenix Contact 2022 © - all rights reserved
https://www.phoenixcontact.com
Phoenix Contact USA
586 Fulling Mill Road
Middletown, PA 17057, United States
(+717) 944-1300
info@phoenixcon.com
Web panel - BWP 2070W
1060632
https://www.phoenixcontact.com/us/products/1060632
Dec 2, 2022, 5:02 AM
Page 6 (6)


Similar Part No. - 1060632

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060632100 MOLEX1-1060632100 Datasheet
39Kb / 1P
   Tight-Jacketed Cable SC Connector, Singlemode, APC, Green Housing, Straight Boot
1060632100 MOLEX-1060632100 Datasheet
38Kb / 1P
   Tight-Jacketed Cable SC Connector, Singlemode, APC, Green Housing, Straight Boot, Simplex Cable, Diameter 2.00mm
1060632100 MOLEX-1060632100_V01 Datasheet
38Kb / 1P
   Tight-Jacketed Cable SC Connector, Singlemode, APC, Green Housing, Straight Boot, Simplex Cable, Diameter 2.00mm
1060632200 MOLEX1-1060632200 Datasheet
39Kb / 1P
   Tight-Jacketed Cable SC Connector, Singlemode, Blue Housing, Straight Boot
1060632200 MOLEX-1060632200 Datasheet
38Kb / 1P
   Tight-Jacketed Cable SC Connector, Singlemode, Blue Housing, Straight Boot, Simplex Cable, Diameter 2.00mm
More results

Similar Description - 1060632

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1060549 PHOENIX-1060549 Datasheet
222Kb / 6P
   Web panel - BWP 2043W
Dec 2, 2022
1060630 PHOENIX-1060630 Datasheet
219Kb / 6P
   Web panel - BWP 2102W
Dec 2, 2022
1046666 PHOENIX-1046666 Datasheet
77Kb / 5P
   Touch panel - BTP 2070W
09/11/2020
logo
WAGO Kontakttechnik Gmb...
762-1104 WAGO-762-1104 Datasheet
233Kb / 4P
   Web Panel; 26.4 cm (10.4
logo
PHOENIX CONTACT
1290800 PHOENIX-1290800 Datasheet
282Kb / 9P
   Web panel - WP 6070-WVPS
Nov 16, 2022
1290803 PHOENIX-1290803 Datasheet
282Kb / 9P
   Web panel - WP 6156-WHPS
Nov 16, 2022
1290807 PHOENIX-1290807 Datasheet
282Kb / 9P
   Web panel - WP 6185-WHPS
Nov 16, 2022
1290809 PHOENIX-1290809 Datasheet
282Kb / 9P
   Web panel - WP 6215-WHPS
Nov 16, 2022
1290801 PHOENIX-1290801 Datasheet
283Kb / 9P
   Web panel - WP 6101-WXPS
Nov 16, 2022
1290802 PHOENIX-1290802 Datasheet
283Kb / 9P
   Web panel - WP 6121-WXPS
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com