Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTM50UM13S-ALN Datasheet(PDF) 6 Page - Advanced Power Technology

Part No. APTM50UM13S-ALN
Description  Single switch Series & parallel diodes MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo 

APTM50UM13S-ALN Datasheet(HTML) 6 Page - Advanced Power Technology

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM50UM13S-AlN
APT website – http://www.advancedpower.com
6 – 6
Delay Times vs Current
td(on)
td(off)
10
30
50
70
90
110
60
140
220
300
380
460
540
ID, Drain Current (A)
VDS=333V
RG=0.8Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
40
80
120
160
60
140
220
300
380
460
540
ID, Drain Current (A)
VDS=333V
RG=0.8Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
2
4
6
8
10
12
60
140
220
300
380
460
540
ID, Drain Current (A)
VDS=333V
RG=0.8Ω
TJ=125°C
L=100µH
Eon
Eoff
4
8
12
16
20
24
02468
10
12
14
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=333V
ID=335A
TJ=125°C
L=100µH
Hard
switching
ZCS
ZVS
0
100
200
300
400
50
100
150
200
250
300
350
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=333V
D=50%
RG=0.8Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn