Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTM50UM13S-ALN Datasheet(PDF) 3 Page - Advanced Power Technology

Part No. APTM50UM13S-ALN
Description  Single switch Series & parallel diodes MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo 

APTM50UM13S-ALN Datasheet(HTML) 3 Page - Advanced Power Technology

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APTM50UM13S-AlN
APT website – http://www.advancedpower.com
3 – 6
Parallel diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 70°C
360
A
IF = 360A
1.6
1.8
IF = 720A
1.9
VF
Diode Forward Voltage
IF = 360A
Tj = 125°C
1.4
V
Tj = 25°C
130
trr
Reverse Recovery Time
IF = 360A
VR = 400V
di/dt = 1000A/µs
Tj = 125°C
170
ns
Tj = 25°C
1.32
Qrr
Reverse Recovery Charge
IF = 360A
VR = 400V
di/dt = 1000A/µs
Tj = 125°C
5.5
µC
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
Transistor
0.038
Series diode
0.23
RthJC
Junction to Case
Parallel diode
0.16
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M6
3
5
Torque Mounting torque
For terminals
M5
2
3.5
N.m
Wt
Package Weight
280
g
Package outline


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn