Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NL27WZ16DFT2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL27WZ16DFT2G
Description  Dual Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ16DFT2G Datasheet(HTML) 3 Page - ON Semiconductor

  NL27WZ16DFT2G Datasheet HTML 1Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 2Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 3Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 4Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 5Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 6Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 7Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 8Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NL27WZ16
www.onsemi.com
3
MAXIMUM RATINGS
Symbol
Characteristics
Value
Units
VCC
DC Supply Voltage
TSOP−6, SC−88 (NLV)
SC−88, SC−74, UDFN6
−0.5 to +7.0
−0.5 to +6.5
V
VIN
DC Input Voltage
TSOP−6, SC−88 (NLV)
SC−88, SC−74, UDFN6
−0.5 to +7.0
−0.5 to +6.5
V
VOUT
DC Output Voltage
Active−Mode (High or Low State)
TSOP−6, SC−88 (NLV)
Tri−State Mode (Note 1)
Power−Down Mode (VCC = 0 V)
−0.5 to VCC +0.5
−0.5 to +7.0
−0.5 to +7.0
V
DC Output Voltage
Active−Mode (High or Low State)
SC−88, SC−74, UDFN6
Tri−State Mode (Note 1)
Power−Down Mode (VCC = 0 V)
−0.5 to VCC +0.5
−0.5 to +6.5
−0.5 to +6.5
V
IIK
DC Input Diode Current, VIN < GND
−50
mA
IOK
DC Output Diode Current, VOUT < GND
−50
mA
IOUT
DC Output Source/Sink Current
±50
mA
ICC or IGND DC Supply Current per Supply Pin or Ground Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 secs
260
°C
TJ
Junction Temperature under Bias
+150
°C
qJA
Thermal Resistance (Note 2)
SC−88
SC−74
UDFN6
377
320
154
°C/W
PD
Power Dissipation in Still Air
SC−88
SC−74
UDFN6
332
390
812
mW
MSL
Moisture Sensitivity
Level 1
FR
Flamebility Rating
Oxygen Index: 28 to 34 UL 94−V−0 @ 0.125 in
VESD
ESD Withstand Voltage (Note 3)
Human Body Model
Charged Device Model
(NLV) Charged Device Model
2000
1000
N/A
V
ILATCHUP
Latchup Performance (Note 4)
(NLV)
±100
±500
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Applicable to devices with outputs that may be tri−stated.
2. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2 ounce copper trace no air flow per JESD51−7.
3. HBM tested to ANSI/ESDA/JEDEC JS−001−2017. CDM tested to EIA/JESD22−C101−F. JEDEC recommends that ESD qualification to
EIA/JESD22−A115−A (Machine Model) be discontinued per JEDEC/JEP172A.
4. Tested to EIA/JESD78 Class II.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
1.65
5.5
V
VIN
DC Input Voltage
0
5.5
V
VOUT
DC Output Voltage
Active−Mode (High or Low State)
Tri−State Mode (Note 1)
Power−Down Mode (VCC = 0 V)
0
0
0
VCC
5.5
5.5
V
TA
Operating Temperature Range
−55
+125
°C
tr , tf
Input Transition Rise or Fall Rate
VCC = 1.65 V to 1.95 V
VCC = 2.3 V to 2.7 V
VCC = 3.0 V to 3.6 V
VCC = 4.5 V to 5.5 V
0
0
0
20
20
10
5
ns
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Similar Part No. - NL27WZ16DFT2G

ManufacturerPart #DatasheetDescription
ON Semiconductor
ON Semiconductor
NL27WZ16DFT2G ONSEMI-NL27WZ16DFT2G Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
NL27WZ16DFT2G ONSEMI-NL27WZ16DFT2G Datasheet
116Kb / 6P
   Dual Buffer
May, 2012 ??Rev. 9
More results

Similar Description - NL27WZ16DFT2G

ManufacturerPart #DatasheetDescription
ON Semiconductor
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16 Datasheet
92Kb / 7P
   Dual Buffer
March, 2008 - Rev. 0
Diodes Incorporated
Diodes Incorporated
74LVC2G34 DIODES-74LVC2G34 Datasheet
245Kb / 10P
   DUAL BUFFER
Renesas Technology Corp
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_15 Datasheet
156Kb / 7P
   Dual Buffer
ON Semiconductor
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16_16 Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
NL27WZ16 ONSEMI-NL27WZ16_07 Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
NL27WZ16 ONSEMI-NL27WZ16 Datasheet
59Kb / 6P
   Dual Buffer
March, 2004 ??Rev. 2
Renesas Technology Corp
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A Datasheet
74Kb / 9P
   DUAL BUFFER
HD74LV1GW16A RENESAS-HD74LV1GW16A_06 Datasheet
85Kb / 6P
   Dual Buffer
ON Semiconductor
ON Semiconductor
NL27WZ16 ONSEMI-NL27WZ16_12 Datasheet
116Kb / 6P
   Dual Buffer
May, 2012 ??Rev. 9
Toshiba Semiconductor
Toshiba Semiconductor
TC7W126FU TOSHIBA-TC7W126FU Datasheet
188Kb / 4P
   DUAL BUS BUFFER
TC7WT125FU TOSHIBA-TC7WT125FU Datasheet
178Kb / 4P
   DUAL BUS BUFFER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com