Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSP140B Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # TSP140B
Description  AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TSP140B Datasheet(HTML) 4 Page - Pan Jit International Inc.

  TSP140B Datasheet HTML 1Page - Pan Jit International Inc. TSP140B Datasheet HTML 2Page - Pan Jit International Inc. TSP140B Datasheet HTML 3Page - Pan Jit International Inc. TSP140B Datasheet HTML 4Page - Pan Jit International Inc. TSP140B Datasheet HTML 5Page - Pan Jit International Inc. TSP140B Datasheet HTML 6Page - Pan Jit International Inc. TSP140B Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PAGE 4
Ver: June 2001
TSP058B - TSP320B
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
o
b
m
y
S
e
u
l
a
V
VBO
e
g
a
t
l
o
V
r
e
v
o
k
a
e
r
B
d
e
r
u
s
a
e
m
n
w
o
d
k
a
e
r
b
t
a
r
o
n
i
e
c
i
v
e
d
e
h
t
s
s
o
r
c
a
e
g
a
t
l
o
v
m
u
m
i
x
a
M
e
s
i
r
f
o
e
t
a
r
t
n
e
r
r
u
c
d
n
a
e
g
a
t
l
o
v
d
e
i
f
i
c
e
p
s
a
r
e
d
n
u
I BO
t
n
e
r
r
u
C
r
e
v
o
k
a
e
r
B
V
(
e
g
a
t
l
o
v
r
e
v
o
k
a
e
r
b
e
h
t
t
a
g
n
i
w
o
l
f
t
n
e
r
r
u
c
s
u
o
e
n
a
t
n
a
t
s
n
I
BO
)
I H
t
n
e
r
r
u
C
g
n
i
d
l
o
H
e
t
a
t
s
-
n
o
e
h
t
n
i
e
c
i
v
e
d
e
h
t
n
i
a
t
n
i
a
m
o
t
d
e
r
i
u
q
e
r
t
n
e
r
r
u
c
m
u
m
i
n
i
M
I T
t
n
e
r
r
u
c
e
t
a
t
s
-
n
O
n
o
i
t
i
d
n
o
c
e
t
a
t
s
-
n
o
e
h
t
n
i
e
c
i
v
e
d
e
h
t
h
g
u
o
r
h
t
t
n
e
r
r
u
C
V T
e
g
a
t
l
o
v
e
t
a
t
s
-
n
O
d
e
i
f
i
c
e
p
s
a
t
a
n
o
i
t
i
d
n
o
c
e
t
a
t
s
-
n
o
e
h
t
n
i
e
c
i
v
e
d
e
h
t
s
s
o
r
c
a
e
g
a
t
l
o
V
(
t
n
e
r
r
u
cIT)
VDRM
e
g
a
t
l
o
V
e
t
a
t
S
-
f
f
O
k
a
e
P
e
v
i
t
i
t
e
p
e
R
d
e
t
a
R
ll
a
g
n
i
d
u
l
c
n
i
,
e
g
a
t
l
o
v
e
t
a
t
s
-
f
f
o
e
h
t
f
o
e
u
l
a
v
s
u
o
e
n
a
t
n
a
t
s
n
i
t
s
e
h
g
i
h
e
h
T
t
n
e
i
s
n
a
r
t
e
v
i
t
i
t
e
p
e
r
n
o
n
ll
a
g
n
i
d
u
l
c
x
e
t
u
b
s
e
g
a
t
l
o
v
t
n
e
i
s
n
a
r
t
e
v
i
t
i
t
e
p
e
r
s
e
g
a
t
l
o
v
I DRM
t
n
e
r
r
u
C
e
t
a
t
S
-
f
f
O
k
a
e
P
e
v
i
t
i
t
e
p
e
R
n
o
i
t
a
c
il
p
p
a
e
h
t
m
o
r
f
s
t
l
u
s
e
r
t
a
h
t
t
n
e
r
r
u
c
f
o
e
u
l
a
v
)
k
a
e
p
(
m
u
m
i
x
a
m
e
h
T
V
f
o
DRM
I PPS
t
n
e
r
r
u
c
e
s
l
u
p
k
a
e
P
e
v
i
t
i
t
e
p
e
R
-
n
o
N
e
d
u
t
il
p
m
a
d
e
i
f
i
c
e
p
s
f
o
t
n
e
r
r
u
c
e
s
l
u
p
m
i
k
a
e
p
f
o
e
u
l
a
v
m
u
m
i
x
a
m
d
e
t
a
R
e
c
i
v
e
d
e
h
t
o
t
e
g
a
m
a
d
t
u
o
h
t
i
w
d
e
il
p
p
a
e
b
y
a
m
t
a
h
t
e
p
a
h
s
e
v
a
w
d
n
a
t
s
e
t
r
e
d
n
u
t
d
/
i
dt
n
e
r
r
u
c
e
t
a
t
s
-
n
o
f
o
e
s
i
r
f
o
e
t
a
r
l
a
c
i
t
i
r
C
d
n
a
t
s
h
t
i
w
n
a
c
e
c
i
v
e
d
e
h
t
t
a
h
t
t
n
e
r
r
u
c
f
o
e
s
i
r
f
o
e
t
a
r
e
h
t
f
o
e
u
l
a
v
d
e
t
a
R
.
e
g
a
m
a
d
t
u
o
h
t
i
w
t
d
/
v
d
e
g
a
t
l
o
V
e
t
a
t
S
-
f
f
O
f
o
e
s
i
R
f
o
e
t
a
R
l
a
c
i
t
i
r
C
V
w
o
l
e
b
(
e
g
a
t
l
o
v
f
o
e
s
i
r
f
o
e
t
a
r
m
u
m
i
x
a
m
e
h
T
DRM
e
s
u
a
c
t
o
n
ll
i
w
t
a
h
t
)
.
e
t
a
t
s
-
n
o
e
h
t
o
t
e
t
a
t
s
-
f
f
o
e
h
t
m
o
r
f
g
n
i
h
c
t
i
w
s
VBO
VBR
VDRM
VT
IPPS
ITSM
IT
IBO
IH
IBR
IDRM
_V
+V
_I
+I


Similar Part No. - TSP140B

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSP140 TRACOPOWER-TSP140 Datasheet
381Kb / 1P
   Wall Mounting Kit TSP-WMK03
Rev. November 30, 2022
TSP140-112 TRACOPOWER-TSP140-112 Datasheet
853Kb / 9P
   Industrial Power Supplies TSP-Series
Rev. December 5, 2022
TSP140-112 TRACOPOWER-TSP140-112 Datasheet
1Mb / 6P
   Battery Controller Modules TSP-BCM Series, 72–600 Watt
Rev. February 15, 2023
TSP140-EX TRACOPOWER-TSP140-EX Datasheet
381Kb / 1P
   Wall Mounting Kit TSP-WMK03
Rev. November 30, 2022
logo
Pan Jit International I...
TSP140A PANJIT-TSP140A Datasheet
87Kb / 6P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
More results

Similar Description - TSP140B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TSP058A PANJIT-TSP058A Datasheet
87Kb / 6P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058C PANJIT-TSP058C Datasheet
116Kb / 7P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SB PANJIT-TSP058SB Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SC PANJIT-TSP058SC Datasheet
110Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SA PANJIT-TSP058SA Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
logo
First Components Intern...
TSP110AL FCI-TSP110AL Datasheet
110Kb / 3P
   THYRISTOR SURGE PROTECTOR AXIAL LEAD TYPE
logo
Diodes Incorporated
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com