Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTM10DHM05 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTM10DHM05
Description  Asymmetrical - Bridge MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM10DHM05 Datasheet(HTML) 3 Page - Advanced Power Technology

  APTM10DHM05 Datasheet HTML 1Page - Advanced Power Technology APTM10DHM05 Datasheet HTML 2Page - Advanced Power Technology APTM10DHM05 Datasheet HTML 3Page - Advanced Power Technology APTM10DHM05 Datasheet HTML 4Page - Advanced Power Technology APTM10DHM05 Datasheet HTML 5Page - Advanced Power Technology APTM10DHM05 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APTM10DHM05
APT website – http://www.advancedpower.com
3 - 6
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
transistor
0.16
RthJC
Junction to Case
diode
0.30
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M6
3
5
Torque Mounting torque
For terminals
M5
2
3.5
N.m
Wt
Package Weight
280
g
Package outline (dimensions in mm)


Similar Part No. - APTM10DHM05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM10DHM05G MICROSEMI-APTM10DHM05G Datasheet
273Kb / 6P
   Asymmetrical - Bridge MOSFET Power Module
More results

Similar Description - APTM10DHM05

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM10DHM09T ADPOW-APTM10DHM09T Datasheet
310Kb / 6P
   Asymmetrical - Bridge MOSFET Power Module
logo
Microsemi Corporation
APTM50DHM38G MICROSEMI-APTM50DHM38G Datasheet
279Kb / 6P
   Asymmetrical - bridge MOSFET Power Module
APTM50DHM65T3G MICROSEMI-APTM50DHM65T3G Datasheet
199Kb / 5P
   Asymmetrical - Bridge MOSFET Power Module
APTM20DHM10G MICROSEMI-APTM20DHM10G Datasheet
279Kb / 6P
   Asymmetrical - bridge MOSFET Power Module
APTM20DHM16TG MICROSEMI-APTM20DHM16TG Datasheet
284Kb / 6P
   Asymmetrical - Bridge MOSFET Power Module
APTM20DHM20TG MICROSEMI-APTM20DHM20TG Datasheet
290Kb / 6P
   Asymmetrical - Bridge MOSFET Power Module
APTM50DHM35G MICROSEMI-APTM50DHM35G Datasheet
279Kb / 6P
   Asymmetrical - bridge MOSFET Power Module
logo
Advanced Power Technolo...
APTM20DHM08 ADPOW-APTM20DHM08 Datasheet
290Kb / 6P
   Asymmetrical - Bridge MOSFET Power Module
APTM20DHM16T ADPOW-APTM20DHM16T Datasheet
296Kb / 6P
   Asymmetrical - Bridge MOSFET Power Module
APTM20DHM20T ADPOW-APTM20DHM20T Datasheet
302Kb / 6P
   Asymmetrical - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com