Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTGT400U170D4G Datasheet(PDF) 5 Page - Advanced Power Technology

Part No. APTGT400U170D4G
Description  Single switch Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo 

APTGT400U170D4G Datasheet(HTML) 5 Page - Advanced Power Technology

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT400U170D4G
APT website – http://www.advancedpower.com
5 - 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=125°C
0
100
200
300
400
500
600
700
800
0
0.5
1
1.5
2
2.5
3
VF (V)
hard
switching
ZCS
ZVS
0
5
10
15
20
25
0
100
200
300
400
500
600
IC (A)
VCE=900V
D=50%
RG=3.6 Ω
TJ=125°C
TC=75°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.1
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Diode
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn