Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTGT400U170D4G Datasheet(PDF) 4 Page - Advanced Power Technology

Part No. APTGT400U170D4G
Description  Single switch Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo 

APTGT400U170D4G Datasheet(HTML) 4 Page - Advanced Power Technology

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APTGT400U170D4G
APT website – http://www.advancedpower.com
4 - 5
Typical Performance Curve
Output Characteristics (VGE=15V)
TJ=25°C
TJ=125°C
0
100
200
300
400
500
600
700
800
00.511.5
22.5
3
3.5
4
VCE (V)
Output Characteristics
VGE=15V
VGE=13V
VGE=20V
VGE=9V
0
100
200
300
400
500
600
700
800
01
23
45
VCE (V)
TJ = 125°C
Transfert Characteristics
TJ=25°C
TJ=125°C
TJ=125°C
0
100
200
300
400
500
600
700
800
56
78
9
10
11
VGE (V)
Energy losses vs Collector Current
Eon
Eoff
Er
0
100
200
300
400
500
0
100 200 300 400 500 600 700 800
IC (A)
VCE = 900V
VGE = 15V
RG = 3.6Ω
TJ = 125°C
Eon
Eoff
Er
0
100
200
300
400
500
0
5
10
15
20
25
Gate Resistance (ohms)
VCE = 900V
VGE =15V
IC = 400A
TJ = 125°C
Switching Energy Losses vs Gate Resistance
Reverse Bias Safe Operating Area
0
200
400
600
800
1000
0
400
800
1200
1600
2000
VCE (V)
VGE=15V
TJ=125°C
RG=3.6Ω
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
IGBT


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn