Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSP058SB Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # TSP058SB
Description  SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TSP058SB Datasheet(HTML) 3 Page - Pan Jit International Inc.

  TSP058SB Datasheet HTML 1Page - Pan Jit International Inc. TSP058SB Datasheet HTML 2Page - Pan Jit International Inc. TSP058SB Datasheet HTML 3Page - Pan Jit International Inc. TSP058SB Datasheet HTML 4Page - Pan Jit International Inc. TSP058SB Datasheet HTML 5Page - Pan Jit International Inc. TSP058SB Datasheet HTML 6Page - Pan Jit International Inc. TSP058SB Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PAGE 3
Ver: June 2001
TSP058SB - TSP320SB
g
n
i
t
a
R
l
o
b
m
y
S
e
u
l
a
V
t
i
n
U
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
e
g
a
r
o
t
S
TSTG
0
5
1
o
t
0
5
-
OC
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OTJ
0
5
1
o
t
0
4
-
OC
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
i
t
a
r
e
p
O
Ta
5
6
o
t
0
4
-
OC
Notes:
PCB board mounted on minimum foot print.
MAXIMUM THERMAL RATINGS
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
o
b
m
y
S
e
u
l
a
V
t
i
n
U
T
s
d
a
e
L
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
L
o
t
t
n
e
c
a
j
d
a
b
a
t
n
o
.
s
e
z
i
s
d
a
p
l
a
c
i
t
n
e
d
i
o
t
d
e
r
e
d
l
o
s
s
d
a
e
l
h
t
o
B
.
c
i
t
s
a
l
p
R
θ L
J
0
2
.
x
a
M
O
W
/
C
THERMAL CHARACTERISTICS
Notes:
The junction to lead thermal resistance represents a minimum limiting value with both leads soldered to a large near-infinite heatsink. The
junction to ambient thermal resistance depends strongly on board mounting conditions and typically is 3 to 6 times higher than the junction
to lead resistance. The data shown is to be used as guideline values for preliminary engineering.
ELECTRICAL CHARACTERISTICS (TC = 25°C UNLESS OTHERWISE NOTED)
s
r
e
t
e
m
a
r
a
P
s
n
o
i
t
i
d
n
o
C
t
s
e
T
l
o
b
m
y
S
.
n
i
M
.
x
a
M
t
i
n
U
k
a
e
P
e
v
i
t
i
t
e
p
e
R
t
n
e
r
r
u
C
e
t
a
t
S
-
f
f
O
VD
V
d
e
t
a
r
=
DRM
I DRM
5
µA
t
n
e
r
r
u
C
r
e
v
o
k
a
e
r
B
I
,
z
H
0
6
=
f
SC
V
,
s
m
r
A
1
=
c
a
R
,
s
m
r
V
K
1
=
L
K
1
=
e
l
c
y
c
C
A
2
/
1
,
I O
B
0
0
8
A
m
1
t
n
e
r
r
u
C
g
n
i
d
l
o
H0
0
0
1
/
0
1
µ
I
,
m
r
o
f
e
v
a
w
s
C
S
V
,
A
0
1
=
C
O
R
,
V
2
6
=
L
0
0
4
=
I H
0
5
1A
m
e
g
a
t
l
o
V
e
t
a
t
S
-
n
O
I T
0
0
3
=
w
T
,
A
1
=
µ
e
s
l
u
p
1
,
s
VT
5
V
Notes:
Specific I
H values are available by request.


Similar Part No. - TSP058SB

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TSP058SA PANJIT-TSP058SA Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SC PANJIT-TSP058SC Datasheet
110Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
More results

Similar Description - TSP058SB

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TSP058SC PANJIT-TSP058SC Datasheet
110Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SA PANJIT-TSP058SA Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058B PANJIT-TSP058B Datasheet
117Kb / 7P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058A PANJIT-TSP058A Datasheet
87Kb / 6P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058C PANJIT-TSP058C Datasheet
116Kb / 7P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
logo
Diodes Incorporated
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com