Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT300U170D4G Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTGT300U170D4G
Description  Single switch Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT300U170D4G Datasheet(HTML) 2 Page - Advanced Power Technology

  APTGT300U170D4G Datasheet HTML 1Page - Advanced Power Technology APTGT300U170D4G Datasheet HTML 2Page - Advanced Power Technology APTGT300U170D4G Datasheet HTML 3Page - Advanced Power Technology APTGT300U170D4G Datasheet HTML 4Page - Advanced Power Technology APTGT300U170D4G Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTGT300U170D4G
APT website – http://www.advancedpower.com
2 - 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 1700V
1
mA
Tj = 25°C
2.0
2.4
VCE(sat)
Collector Emitter saturation Voltage
VGE = 15V
IC = 300A
Tj = 125°C
2.4
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 12mA
5.2
5.8
6.4
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
400
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
25
Cres
Reverse Transfer Capacitance
VGE = 0V, VCE = 25V
f = 1MHz
0.9
nF
Td(on)
Turn-on Delay Time
280
Tr
Rise Time
100
Td(off)
Turn-off Delay Time
750
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 900V
IC = 300A
RG = 4.7Ω
100
ns
Td(on)
Turn-on Delay Time
330
Tr
Rise Time
100
Td(off)
Turn-off Delay Time
900
Tf
Fall Time
Inductive Switching (125°C)
VGE = ±15V
VBus = 900V
IC = 300A
RG = 4.7Ω
200
ns
Eon
Turn On Energy
Tj = 125°C
115
Eoff
Turn Off Energy
VGE = ±15V
VBus = 900V
IC = 300A
RG = 4.7Ω
Tj = 125°C
95
mJ
Reverse diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1700
V
Tj = 25°C
750
IRM
Maximum Reverse Leakage Current
VR=1700V
Tj = 125°C
1000
µA
IF
DC forward current
Tc=80°C
300
A
Tj = 25°C
1.8
2.2
VF
Forward Voltage
IF = 300A
VGE = 0V
Tj = 125°C
1.9
V
Tj = 25°C
35
Er
Reverse Recovery Energy
Tj = 125°C
70
mJ
Tj = 25°C
410
trr
Reverse Recovery Time
Tj = 125°C
520
ns
Tj = 25°C
75
Qrr
Reverse Recovery Charge
IF = 300A
VR = 900V
di/dt =3500A/µs
Tj = 125°C
125
µC


Similar Part No. - APTGT300U170D4G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT300U120D4 ADPOW-APTGT300U120D4 Datasheet
194Kb / 3P
   Single switch Trench IGBT Power Module
More results

Similar Description - APTGT300U170D4G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT580U60D4G MICROSEMI-APTGT580U60D4G Datasheet
202Kb / 5P
   Single switch Trench Field Stop IGBT Power Module
APTGT600U120D4G MICROSEMI-APTGT600U120D4G Datasheet
205Kb / 5P
   Single switch Trench Field Stop IGBT Power Module
APTGT750U60D4G MICROSEMI-APTGT750U60D4G Datasheet
202Kb / 5P
   Single switch Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT600U170D4G ADPOW-APTGT600U170D4G Datasheet
268Kb / 5P
   Single switch Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT400U120D4G MICROSEMI-APTGT400U120D4G Datasheet
205Kb / 5P
   Single switch Trench Field Stop IGBT Power Module
APTGT400U170D4G MICROSEMI-APTGT400U170D4G Datasheet
205Kb / 5P
   Single switch Trench Field Stop IGBT Power Module
APTGT600U170D4G MICROSEMI-APTGT600U170D4G Datasheet
204Kb / 5P
   Single switch Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT400U170D4G ADPOW-APTGT400U170D4G Datasheet
267Kb / 5P
   Single switch Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGL700U120D4G MICROSEMI-APTGL700U120D4G_10 Datasheet
215Kb / 5P
   Single switch Trench Field Stop IGBT4 Power Module
APTGL700U120D4G MICROSEMI-APTGL700U120D4G Datasheet
201Kb / 5P
   Single switch Trench Field Stop IGBT4 Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com