Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT300H60 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTGT300H60
Description  Full - Bridge Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT300H60 Datasheet(HTML) 2 Page - Advanced Power Technology

  APTGT300H60 Datasheet HTML 1Page - Advanced Power Technology APTGT300H60 Datasheet HTML 2Page - Advanced Power Technology APTGT300H60 Datasheet HTML 3Page - Advanced Power Technology APTGT300H60 Datasheet HTML 4Page - Advanced Power Technology APTGT300H60 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTGT300H60
APT website – http://www.advancedpower.com
2 - 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 600V
350
µA
Tj = 25°C
1.4
1.8
VCE(sat)
Collector Emitter Saturation Voltage
VGE =15V
IC = 300A
Tj = 150°C
1.5
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 1.5 mA
5.0
5.8
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
500
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
24
Coes
Output Capacitance
1.5
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
0.75
nF
Td(on)
Turn-on Delay Time
115
Tr
Rise Time
45
Td(off)
Turn-off Delay Time
200
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 300V
IC = 300A
RG = 3.3Ω
55
ns
Td(on)
Turn-on Delay Time
120
Tr
Rise Time
50
Td(off)
Turn-off Delay Time
250
Tf
Fall Time
70
ns
Eon
Turn on Energy
5.2
Eoff
Turn off Energy
Inductive Switching (150°C)
VGE = ±15V
VBus = 300V
IC = 300A
RG = 3.3Ω
10.5
mJ
Reverse diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
Tj = 25°C
350
IRM
Maximum Reverse Leakage Current
VR=600V
Tj = 150°C
600
µA
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 80°C
300
A
Tj = 25°C
1.5
1.9
VF
Diode Forward Voltage
IF = 300A
VGE = 0V
Tj = 150°C
1.4
V
Tj = 25°C
120
trr
Reverse Recovery Time
Tj = 150°C
210
ns
Tj = 25°C
13.5
Qrr
Reverse Recovery Charge
IF = 300A
VR = 300V
di/dt =3100A/µs
Tj = 150°C
28.5
µC


Similar Part No. - APTGT300H60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT300H60G MICROSEMI-APTGT300H60G Datasheet
251Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT300H60

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT200H60 ADPOW-APTGT200H60 Datasheet
273Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT30H60T3 ADPOW-APTGT30H60T3 Datasheet
285Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT150H170 ADPOW-APTGT150H170 Datasheet
274Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT50H60T3 ADPOW-APTGT50H60T3 Datasheet
285Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT75H60T3G ADPOW-APTGT75H60T3G Datasheet
289Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT150H60TG ADPOW-APTGT150H60TG Datasheet
283Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT20H60T3G MICROSEMI-APTGT20H60T3G Datasheet
264Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT30H60T3G MICROSEMI-APTGT30H60T3G Datasheet
264Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT30H170T3G MICROSEMI-APTGT30H170T3G Datasheet
265Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT50H60T3G MICROSEMI-APTGT50H60T3G Datasheet
264Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
APTGT150H60TG MICROSEMI-APTGT150H60TG Datasheet
259Kb / 5P
   Full - Bridge Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com