Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTGT225SK170 Datasheet(PDF) 2 Page - Advanced Power Technology

Part No. APTGT225SK170
Description  Buck chopper Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo 

APTGT225SK170 Datasheet(HTML) 2 Page - Advanced Power Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTGT225SK170
APT website – http://www.advancedpower.com
2 - 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 1700V
500
µA
Tj = 25°C
2.0
2.4
VCE(sat)
Collector Emitter Saturation Voltage
VGE = 15V
IC = 225A
Tj = 125°C
2.4
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 4mA
5.0
5.8
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
600
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
20
Coes
Output Capacitance
0.8
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
0.66
nF
Td(on)
Turn-on Delay Time
370
Tr
Rise Time
40
Td(off)
Turn-off Delay Time
650
Tf
Fall Time
Inductive Switching (25°C)
VGE = 15V
VBus = 900V
IC = 225A
RG = 3.3Ω
180
ns
Td(on)
Turn-on Delay Time
400
Tr
Rise Time
50
Td(off)
Turn-off Delay Time
800
Tf
Fall Time
300
ns
Eon
Turn-on Switching Energy
72
Eoff
Turn-off Switching Energy
Inductive Switching (125°C)
VGE = 15V
VBus = 900V
IC = 225A
RG = 3.3Ω
70.5
mJ
Chopper diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1700
V
Tj = 25°C
500
IRM
Maximum Reverse Leakage Current
VR=1700V
Tj = 125°C
750
µA
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 80°C
225
A
Tj = 25°C
1.8
2.2
VF
Diode Forward Voltage
IF = 225A
Tj = 125°C
1.9
V
Tj = 25°C
385
trr
Reverse Recovery Time
Tj = 125°C
490
ns
Tj = 25°C
60
Qrr
Reverse Recovery Charge
IF = 225A
VR = 900V
di/dt =2400A/µs
Tj = 125°C
96
µC


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn