Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSP065B Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # TSP065B
Description  AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TSP065B Datasheet(HTML) 5 Page - Pan Jit International Inc.

  TSP065B Datasheet HTML 1Page - Pan Jit International Inc. TSP065B Datasheet HTML 2Page - Pan Jit International Inc. TSP065B Datasheet HTML 3Page - Pan Jit International Inc. TSP065B Datasheet HTML 4Page - Pan Jit International Inc. TSP065B Datasheet HTML 5Page - Pan Jit International Inc. TSP065B Datasheet HTML 6Page - Pan Jit International Inc. TSP065B Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PAGE 5
Ver: June 2001
TSP058B - TSP320B
CAPACITANCE CHARACTERISTICS
F = 1 MHz, Vac = 15 mVrms
r
e
b
m
u
N
t
r
a
P
e
c
n
a
t
i
c
a
p
a
C
e
t
a
t
S
-
f
f
O
C
O
F
p
c
d
V
0
c
d
V
1
c
d
V
2
c
d
V
5
c
d
V
0
5
.
p
y
T
.
x
a
M
.
p
y
T
.
x
a
M
.
p
y
T
.
x
a
M
.
p
y
T
.
x
a
M
.
p
y
T
.
x
a
M
B
8
5
0
P
S
T
0
7
0
0
1
9
5
4
7
3
5
8
6
5
4
9
5
4
2
9
2
B
5
6
0
P
S
T7
60
98
59
62
53
63
46
52
28
2
B
5
7
0
P
S
T
7
6
8
7
6
5
4
6
9
4
8
5
2
4
9
4
3
2
7
2
B
0
9
0
P
S
T7
51
68
40
52
46
45
38
39
11
2
B
0
2
1
P
S
T
0
5
8
5
2
4
5
4
8
3
0
5
1
3
3
3
7
1
0
2
B
0
4
1
P
S
T9
44
50
43
46
33
40
32
36
19
1
B
0
6
1
P
S
T
6
4
3
5
8
3
0
4
4
3
6
3
8
2
0
3
5
1
8
1
B
0
9
1
P
S
T5
43
58
39
33
35
38
20
34
18
1
B
0
2
2
P
S
T
4
4
2
5
7
3
9
3
2
3
5
3
7
2
0
3
3
1
8
1
B
5
7
2
P
S
T4
41
57
39
32
34
37
29
23
18
1
B
0
2
3
P
S
T
3
4
0
5
7
3
8
3
2
3
4
3
7
2
9
2
3
1
7
1
MECHANICAL DATA
DO-15
Unit: inch ( mm )
.140(3.6)
.104(2.6)
.034(.86)
.028(.71)
• Case: JEDEC DO-15 molded plastic
• Terminals: Plated Axial leads, solderable per
MIL-STD-750, Method 2026
• Polarity: Bi-directional
• Weight: 0.015 ounce, 0.4 gram


Similar Part No. - TSP065B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TSP065A PANJIT-TSP065A Datasheet
87Kb / 6P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP065SA PANJIT-TSP065SA Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP065SB PANJIT-TSP065SB Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP065SC PANJIT-TSP065SC Datasheet
110Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
More results

Similar Description - TSP065B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TSP058A PANJIT-TSP058A Datasheet
87Kb / 6P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058C PANJIT-TSP058C Datasheet
116Kb / 7P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SB PANJIT-TSP058SB Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SC PANJIT-TSP058SC Datasheet
110Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SA PANJIT-TSP058SA Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
logo
First Components Intern...
TSP110AL FCI-TSP110AL Datasheet
110Kb / 3P
   THYRISTOR SURGE PROTECTOR AXIAL LEAD TYPE
logo
Diodes Incorporated
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com