Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT150H120 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGT150H120
Description  Full - Bridge Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT150H120 Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGT150H120 Datasheet HTML 1Page - Advanced Power Technology APTGT150H120 Datasheet HTML 2Page - Advanced Power Technology APTGT150H120 Datasheet HTML 3Page - Advanced Power Technology APTGT150H120 Datasheet HTML 4Page - Advanced Power Technology APTGT150H120 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGT150H120
APT website – http://www.advancedpower.com
1 - 5
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
TC= 25°C
220
IC
Continuous Collector Current
TC= 80°C
150
ICM
Pulsed Collector Current
TC= 25°C
350
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC= 25°C
690
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 125°C
300A @ 1150V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
G4
0/VBUS
E3
Q3
G3
OUT2
VBUS
E1
Q1
G1
E4
Q4
OUT1
E2
Q2
G2
E2
G2
G4
E4
E3
G1
E1
0/VBUS
VBUS
OUT2
OUT1
G3
VCES = 1200V
IC = 150A @ Tc = 80°C
Application
Welding converters
Switched Mode Power Supplies
Uninterruptible Power Supplies
Motor control
Features
Fast Trench + Field Stop IGBT® Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
High level of integration
Benefits
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
Low profile
Full - Bridge
Fast Trench + Field Stop IGBT®
Power Module


Similar Part No. - APTGT150H120

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT150H120G MICROSEMI-APTGT150H120G Datasheet
252Kb / 6P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT150H120

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT150H120G MICROSEMI-APTGT150H120G Datasheet
252Kb / 6P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT75H120T ADPOW-APTGT75H120T Datasheet
280Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT35H120T3G MICROSEMI-APTGT35H120T3G Datasheet
263Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
APTGT75H120TG MICROSEMI-APTGT75H120TG Datasheet
258Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT100H120 ADPOW-APTGT100H120 Datasheet
273Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
APTGT200H120 ADPOW-APTGT200H120 Datasheet
273Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
APTGT50H120T ADPOW-APTGT50H120T Datasheet
280Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT200H120G MICROSEMI-APTGT200H120G Datasheet
251Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
APTGT100H120G MICROSEMI-APTGT100H120G Datasheet
251Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
APTGT50H120TG MICROSEMI-APTGT50H120TG Datasheet
259Kb / 5P
   Full - Bridge Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com