Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTGT100DH120TG Datasheet(PDF) 1 Page - Advanced Power Technology

Part No. APTGT100DH120TG
Description  Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo 

APTGT100DH120TG Datasheet(HTML) 1 Page - Advanced Power Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGT100DH120TG
APT website – http://www.advancedpower.com
1 - 5
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
VBUS
Q4
OUT2
OUT1
VBUS SENSE
CR3
0/VBUS
G4
E4
NTC2
Q1
CR2
0/VBUS SENSE
NTC1
G1
E1
NTC2
OUT1
OUT2
VBUS
VBUS
SENSE
E1
NTC1
E4
G4
0/VBUS
0/VBUS
SENSE
G1
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
TC= 25°C
140
IC
Continuous Collector Current
TC= 80°C
100
ICM
Pulsed Collector Current
TC= 25°C
200
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC= 25°C
480
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 125°C
200A @ 1100V
VCES = 1200V
IC = 100A @ Tc = 80°C
Application
Welding converters
Switched Mode Power Supplies
Switched Reluctance Motor Drives
Features
Fast Trench + Field Stop IGBT® Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
High level of integration
Internal thermistor for temperature monitoring
Benefits
Stable temperature behavior
Very rugged
Solderable terminals for easy PCB mounting
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
Low profile
RoHS Compliant
Asymmetrical - Bridge
Fast Trench + Field Stop IGBT®
Power Module


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn