Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTGT75DDA60T3 Datasheet(PDF) 2 Page - Advanced Power Technology

Part No. APTGT75DDA60T3
Description  Dual Boost chopper Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo 

APTGT75DDA60T3 Datasheet(HTML) 2 Page - Advanced Power Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTGT75DDA60T3
APT website – http://www.advancedpower.com
2 - 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 600V
250
µA
Tj = 25°C
1.5
1.9
VCE(sat)
Collector Emitter Saturation Voltage
VGE =15V
IC = 75A
Tj = 150°C
1.7
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 600µA
5.0
5.8
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
600
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
4620
Coes
Output Capacitance
300
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
140
pF
Td(on)
Turn-on Delay Time
110
Tr
Rise Time
45
Td(off)
Turn-off Delay Time
200
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 300V
IC = 75A
RG = 12Ω
40
ns
Td(on)
Turn-on Delay Time
120
Tr
Rise Time
50
Td(off)
Turn-off Delay Time
250
Tf
Fall Time
60
ns
Eon
Turn-on Switching Energy
1.3
Eoff
Turn-off Switching Energy
Inductive Switching (150°C)
VGE = ±15V
VBus = 300V
IC = 75A
RG = 12Ω
2.6
mJ
Chopper diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=600V
Tj = 150°C
500
µA
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 80°C
75
A
Tj = 25°C
1.6
2
VF
Diode Forward Voltage
IF = 75A
VGE = 0V
Tj = 150°C
1.5
V
Tj = 25°C
125
trr
Reverse Recovery Time
Tj = 150°C
220
ns
Tj = 25°C
3.6
Qrr
Reverse Recovery Charge
IF = 75A
VR = 300V
di/dt =2000A/µs
Tj = 150°C
7.6
µC


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn