Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTGF300U120D Datasheet(PDF) 4 Page - Advanced Power Technology

Part No. APTGF300U120D
Description  Single Switch with Series diodes NPT IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo 

APTGF300U120D Datasheet(HTML) 4 Page - Advanced Power Technology

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APTGF300U120D
APT website – http://www.advancedpower.com
4 – 5
Typical Performance Curve
Output characteristics (VGE=15V)
TJ=25°C
TJ=125°C
0
50
100
150
200
250
300
350
400
450
0
1234
VCE, Collector to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle
Output characteristics (VGE=10V)
TJ=25°C
TJ=125°C
0
50
100
150
200
250
300
350
01234
VCE, Collector to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle
Transfer Characteristics
0
100
200
300
400
500
600
46
8
10
12
VGE, Gate to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle
Gate Charge
VCE=600V
VCE=800V
0
4
8
12
16
20
0
500
1000
1500
2000
2500
Gate Charge (nC)
IC = 300A
TJ = 25°C
0
50
100
150
200
250
300
350
400
0
25
50
75
100
125
150
TC, Case Temperature (°C)
DC Collector Current vs Case Temperature
tdoff
tdon
tr
tf
10
100
1000
0
100
200
300
400
Ic, Collector current (A)
Switching times vs collector current
V
CE = 600V
VGE=±15V
R
G=2Ω
TJ = 125°C
Cres
Coes
Cies
1
10
100
0
102030
VCE, Collector to Emitter Voltage (V)
Capacitance vs Collector to Emitter Voltage
Eon
Eoff
0
20
40
60
80
100
120
0
2
4
6
8
10
12
14
16
Gate resistance (Ohms)
Switching energy losses vs Gate resistance
VCE = 600V
V
GE=±15V
IC=300A
T
J = 125°C


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn