Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTGF300U120D Datasheet(PDF) 2 Page - Advanced Power Technology

Part No. APTGF300U120D
Description  Single Switch with Series diodes NPT IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADPOW [Advanced Power Technology]
Homepage  http://www.advpowertech.com
Logo 

APTGF300U120D Datasheet(HTML) 2 Page - Advanced Power Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTGF300U120D
APT website – http://www.advancedpower.com
2 – 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
BVCES
Collector - Emitter Breakdown Voltage
VGE = 0V, IC = 4mA
1200
V
Tj = 25°C
0.4
6
ICES
Zero Gate Voltage Collector Current
VGE = 0V
VCE = 1200V
Tj = 125°C
25
mA
Tj = 25°C
3.2
3.9
VCE(on)
Collector Emitter on Voltage
VGE =15V
IC = 300A
Tj = 125°C
4
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 12mA
4.5
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = ±20V, VCE = 0V
±1
µA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
21
Coes
Output Capacitance
2.9
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
1.52
nF
Td(on)
Turn-on Delay Time
70
Tr
Rise Time
50
Td(off)
Turn-off Delay Time
500
Tf
Fall Time
30
ns
Eon
Turn-on Switching Energy
17
Eoff
Turn-off Switching Energy
Inductive Switching (125°C)
VGE = 15V
VBus = 600V
IC = 300A
RG = 2Ω
18
mJ
Series diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 85°C
250
A
IF = 300A
2.2
2.5
IF = 400A
2.4
VF
Diode Forward Voltage
IF = 400A
Tj = 150°C
2.2
V
Tj = 25°C
13
Qrr
Reverse Recovery Charge
IF = 300A
Tj = 125°C
40
µC
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
IGBT
0.06
RthJC
Junction to Case
Diode
0.13
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M6
3
5
Torque Mounting torque
For terminals
M5
2
3.5
N.m
Wt
Package Weight
280
g


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn