Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF7025 Datasheet(PDF) 27 Page - Analog Devices

Part # ADF7025
Description  High Performance ISM Band Transceiver IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7025 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF7025 Datasheet HTML 23Page - Analog Devices ADF7025 Datasheet HTML 24Page - Analog Devices ADF7025 Datasheet HTML 25Page - Analog Devices ADF7025 Datasheet HTML 26Page - Analog Devices ADF7025 Datasheet HTML 27Page - Analog Devices ADF7025 Datasheet HTML 28Page - Analog Devices ADF7025 Datasheet HTML 29Page - Analog Devices ADF7025 Datasheet HTML 30Page - Analog Devices ADF7025 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
ADF7025
Rev. A | Page 27 of 44
SERIAL INTERFACE
The serial interface allows the user to program the eleven 32-bit
registers using a 3-wire interface (SCLK, SDATA, and SLE). It
consists of a level shifter, a 32-bit shift register, and 11 latches.
Signals should be CMOS-compatible. The serial interface is
powered by the regulator, and, therefore, is inactive when CE
is low.
Data is clocked into the register, MSB first, on the rising edge of
each clock (SCLK). Data is transferred to one of 11 latches on
the rising edge of SLE. The destination latch is determined by
the value of the four control bits (C4 to C1). These are the
bottom four LSBs, DB3 to DB0, as shown in the timing diagram
in Figure 2. Data can also be read back on the SREAD pin.
READBACK FORMAT
The readback operation is initiated by writing a valid control
word to the readback register and setting the readback-enable
bit (R7_DB8 = 1). The readback can begin after the control
word has been latched with the SLE signal. SLE must be kept
high while the data is being read out. Each active edge at the
SCLK pin clocks the readback word out successively at the
SREAD pin, as shown in Figure 38, starting with the MSB first.
The data appearing at the first clock cycle following the latch
operation must be ignored.
RSSI Readback
The RSSI readback operation yields valid results in Rx mode.
The format of the readback word is shown in Figure 38. It
comprises the RSSI level information (Bit RV1 to Bit RV7), the
current filter gain (FG1 and FG2), and the current LNA gain
(LG1 and LG2) setting. The filter and LNA gain are coded in
accordance with the definitions in Register 9—AGC Register.
The input power can be calculated from the RSSI readback
value, as outlined in the RSSI/AGC section.
Battery Voltage ADCIN/Temperature Sensor Readback
The battery voltage is measured at Pin VDD4. The readback
information is contained in Bit RV1 to Bit RV7. This also
applies for the readback of the voltage at the ADCIN pin and
the temperature sensor. From the readback information, the
battery or ADCIN voltage can be determined using
VBATTERY = (Battery_Voltage_Readback)/21.1
VADCIN = (ADCIN_Voltage_Readback)/42.1
Silicon Revision Readback
The silicon revision readback word is valid without setting any
other registers, especially directly after power-up. The silicon
revision word is coded with four quartets in BCD format. The
product code (PC) is coded with two quartets extending from
Bit RV9 to Bit RV16. The revision code (RV) is coded with one
quartet extending from Bit RV1 to Bit RV8. The product code
should read back as PC = 0x25. The current revision code
should read as RC = 0x08.
Filter Calibration Readback
The filter calibration readback word is contained in Bit RV1 to
Bit RV8 and is for diagnostic purposes only. Using the automatic
filter calibration function, accessible through Register 6, is
recommended. Before filter calibration is initiated, Decimal 32
should be read back.
READBACK MODE
DB15
X
X
RV16
0
RSSI READBACK
BATTERY VOLTAGE/ADCIN/
TEMP. SENSOR READBACK
SILICON REVISION
FILTER CAL READBACK
READBACK VALUE
DB14
X
X
RV15
0
DB13
X
X
RV14
0
DB12
X
X
RV13
0
DB11
X
X
RV12
0
DB10
LG2
X
RV11
0
DB9
LG1
X
RV10
0
DB8
FG2
X
RV9
0
DB7
FG1
X
RV8
RV8
DB6
RV7
RV7
RV7
RV7
DB5
RV6
RV6
RV6
RV6
DB4
RV5
RV5
RV5
RV5
DB3
RV4
RV4
RV4
RV4
DB2
RV3
RV3
RV3
RV3
DB1
RV2
RV2
RV2
RV2
DB0
RV1
RV1
RV1
RV1
Figure 38. Readback Value Table


Similar Part No. - ADF7025

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
More results

Similar Description - ADF7025

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7021 AD-ADF7021 Datasheet
471Kb / 44P
   High Performance Narrowband ISM Transceiver IC
Rev. PrI
ADF7030 AD-ADF7030 Datasheet
431Kb / 24P
   High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7023-J AD-ADF7023-J Datasheet
1Mb / 100P
   High Performance, Low Power, ISM Band FSK/GFSK/MSK/GMSK Transceiver IC
REV. 0
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com