Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD5100 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SD5100
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD5100 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SD5100 Datasheet HTML 1Page - Pan Jit International Inc. SD5100 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
DATE : OCT.10.2002
.4
.5.6
.7
.8.91.0
1.1
50
0.1
10
1.0
0.1
.01
.001
0
20406080 100 120 140
1000
10
1.0
10
100
0.1
1
10
100
60
80
100
120
20
40
0
4.0
0
20
40
60
80
100
120
140
10
1.0
.3
.2
100
T =100 C
J
O
T=
J
75 C
O
T=
J
25 C
O
TJ=25 C
f=1.0mHz
Visg=5mVp-p
O
TJ=25 C
f=1.0mHz
Visg=5mVp-p
O
2.0
1.0
3.0
5.0
50- 60V
20- 40V
80- 100 V
10000
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTIC
Fig.4- TYPICAL JUNCTION CAPACITANCE
Fig.5- MAXIMUM NON-REPETITIVE
SURGE CURRENT
Fig.3- TYPICAL REVERSE
CHARACTERISTICS
CASE TEMPERATURE, C
O
RESISTTIVE OR INDUCTIVE LOAD
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE, VOLTS
NO. OF CYCLES AT 60Hz
PERCENT OF RATEP PEAK
REVERSE VOLTAGE %


Similar Part No. - SD5100

ManufacturerPart #DatasheetDescription
logo
Dc Components
SD5100 DCCOM-SD5100 Datasheet
248Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
logo
Shenzhen Luguang Electr...
SD5100 LUGUANG-SD5100 Datasheet
2Mb / 4P
   5A 100 to 200 Volts Schottky Rectifier
Revision:20210915-P1
logo
Pan Jit International I...
SD5100S PANJIT-SD5100S Datasheet
40Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere)
SD5100S PANJIT-SD5100S Datasheet
42Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SD5100S DCCOM-SD5100S Datasheet
270Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SD5100

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD520T PANJIT-SD520T Datasheet
39Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere)
SD520YS PANJIT-SD520YS Datasheet
40Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere)
SD520S PANJIT-SD520S Datasheet
40Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere)
SD320YS PANJIT-SD320YS Datasheet
40Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 3 Ampere)
SD320S PANJIT-SD320S Datasheet
40Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 3 Ampere)
SD320YT PANJIT-SD320YT Datasheet
40Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 3 Ampere)
SD320T PANJIT-SD320T Datasheet
40Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 3 Ampere)
SD820CT PANJIT-SD820CT Datasheet
39Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SD820CS PANJIT-SD820CS Datasheet
39Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SD820S PANJIT-SD820S Datasheet
39Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com