Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XL1003 Datasheet(PDF) 3 Page - Mimix Broadband

Part No. XL1003
Description  24.0-40.0 GHz GaAs MMIC Low Noise Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo 

XL1003 Datasheet(HTML) 3 Page - Mimix Broadband

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
S-Parameters
Page 3 of 6
24.0-40.0 GHz GaAs MMIC
Low Noise Amplifier
Measured Perfor mance Characteristics (Typical Perfor mance at 25°C)
Vd = 5.0 V, Id = 66 mA
Freq GHz
S11 Mag
S11 Ang
S21 Mag
S21 Ang
S12 Mag
S12 Ang
S22 Mag
S22 Ang
20.00
0.91
120.47
5.29
-53.59
0.00
-120.33
0.16
85.12
21.00
0.88
101.04
8.88
-99.12
0.00
150.25
0.15
71.55
22.00
0.79
73.37
14.14
-149.29
0.00
109.76
0.11
50.06
23.00
0.60
38.20
19.59
156.13
0.00
108.58
0.03
36.06
24.00
0.37
-6.76
22.35
101.13
0.00
169.75
0.05
174.44
25.00
0.24
-64.78
22.56
52.41
0.00
113.63
0.13
156.90
26.00
0.22
-120.04
20.76
8.68
0.00
59.93
0.17
132.74
27.00
0.26
-151.80
18.58
-28.90
0.00
123.01
0.17
109.16
28.00
0.25
-176.09
16.39
-60.82
0.00
116.79
0.16
86.62
29.00
0.24
170.82
15.16
-88.58
0.00
69.71
0.07
69.61
30.00
0.18
159.08
14.85
-115.25
0.00
53.84
0.05
155.75
31.00
0.12
156.55
14.89
-143.25
0.00
25.74
0.12
159.29
32.00
0.10
-170.72
14.62
-172.93
0.00
23.76
0.19
142.01
33.00
0.13
-151.28
13.83
159.04
0.00
-1.79
0.22
124.36
34.00
0.16
-150.76
13.02
131.32
0.00
-52.53
0.22
108.20
35.00
0.21
-149.03
12.02
104.66
0.01
83.19
0.19
105.18
36.00
0.21
-146.90
11 .27
78.70
0.00
38.15
0.17
91.09
37.00
0.21
-137.49
10.37
54.36
0.01
-22.33
0.17
83.71
38.00
0.27
-136.25
9.68
29.28
0.01
52.72
0.16
84.30
39.00
0.35
-136.77
8.70
3.96
0.01
-16.77
0.15
72.86
40.00
0.41
-140.85
7.84
-19.74
0.01
20.27
0.13
67.31
41.00
0.50
-149.01
6.94
-42.71
0.01
-45.50
0.09
47.76
42.00
0.57
-158.25
6.03
-65.65
0.01
-43.36
0.04
50.96
43.00
0.63
-163.65
5.17
-85.51
0.01
-67.37
0.03
86.73
44.00
0.70
-172.72
4.60
-106.22
0.02
-53.56
0.04
147.86
45.00
0.70
176.57
3.95
-124.27
0.01
-110.71
0.09
128.16
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
L1003
May 2006 - Rev 10-May-06


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC460GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC282GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC318MS8GGaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AA035N1-0028-36 GHz GaAs MMIC Low Noise Amplifier 1 2 3 Alpha Industries
HMC516GaAs PHEMT MMIC LOW NOISE AMPLIFIER 7 - 17 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC320MS8GGaAs MMIC LOW NOISE AMPLIFIER 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
CMM40002.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CMM11002.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC517GaAs PHEMT MMIC LOW NOISE AMPLIFIER 17 - 26 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn