Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XL1001 Datasheet(PDF) 5 Page - Mimix Broadband

Part No. XL1001
Description  17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XL1001 Datasheet(HTML) 5 Page - Mimix Broadband

  XL1001 Datasheet HTML 1Page - Mimix Broadband XL1001 Datasheet HTML 2Page - Mimix Broadband XL1001 Datasheet HTML 3Page - Mimix Broadband XL1001 Datasheet HTML 4Page - Mimix Broadband XL1001 Datasheet HTML 5Page - Mimix Broadband XL1001 Datasheet HTML 6Page - Mimix Broadband XL1001 Datasheet HTML 7Page - Mimix Broadband XL1001 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
17.0-35.0 GHz GaAs MMIC
Low Noise Amplifier
Page 5 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Mechanical Drawing
Bias Arrangement
Bypass Capacitors - See App Note [2]
(Note: Engineering designator is 28LN2BA0047)
Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad.
Thickness: 0.115 +/- 0.010 (0.0045 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold
All DC Bond Pads are 0.100 x 0.100 (0.004 x 0.004). All RF Bond Pads are 0.100 x 0.200 (0.004 x 0.008)
Bond pad centers are approximately 0.109 (0.004) from the edge of the chip.
Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 2.416 mg.
Bond Pad #1 (RF In)
Bond Pad #2 (V1)
Bond Pad #3 (V2)
Bond Pad #4 (V3)
Bond Pad #5 (V4)
Bond Pad #6 (RF Out)
Bond Pad #7 (V8)
Bond Pad #8 (V7)
Bond Pad #9 (V6)
Bond Pad #10 (V5)
March 2005 - Rev 01-Mar-05
L1001
1
2
3
4
5
6
7
8
9
10
RF Out
V1*
RF In
V5*
1
2
3
4
5
1.950
(0.077)
1.176
(0.046)
0.658
(0.026)
1.288
(0.051)
0.0
0.0
1.374
(0.054)
6
7
8
0.973
(0.038)
0.775
(0.031)
1.176
(0.046)
0.973
(0.038)
0.775
(0.031)
9
10
1.374
(0.054)
2.000
(0.079)
*V1 or V5 may be used, but both are not required.
RF In
RF Out
V5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC460GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC282GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC318MS8GGaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AA035N1-0028-36 GHz GaAs MMIC Low Noise Amplifier 1 2 3 Alpha Industries
HMC516GaAs PHEMT MMIC LOW NOISE AMPLIFIER 7 - 17 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC320MS8GGaAs MMIC LOW NOISE AMPLIFIER 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
CMM40002.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CMM11002.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC517GaAs PHEMT MMIC LOW NOISE AMPLIFIER 17 - 26 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn