Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XL1001 Datasheet(PDF) 1 Page - Mimix Broadband

Part No. XL1001
Description  17.0-35.0 GHz GaAs MMIC Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XL1001 Datasheet(HTML) 1 Page - Mimix Broadband

  XL1001 Datasheet HTML 1Page - Mimix Broadband XL1001 Datasheet HTML 2Page - Mimix Broadband XL1001 Datasheet HTML 3Page - Mimix Broadband XL1001 Datasheet HTML 4Page - Mimix Broadband XL1001 Datasheet HTML 5Page - Mimix Broadband XL1001 Datasheet HTML 6Page - Mimix Broadband XL1001 Datasheet HTML 7Page - Mimix Broadband XL1001 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Mimix Broadband
’s two stage balanced 17.0-35.0 GHz
GaAs MMIC low noise amplifier has a small signal gain
of 14.0 dB with a noise figure of 2.5 dB across the
band. This MMIC uses Mimix Broadband
’s 0.15 µm
GaAs PHEMT device model technology, and is based
upon electron beam lithography to ensure high
repeatability and uniformity. The chip has surface
passivation to protect and provide a rugged part with
backside via holes and gold metallization to allow
either a conductive epoxy or eutectic solder die
attach process. This device is well suited for
Millimeter-wave Point-to-Point Radio, LMDS, SATCOM
and VSAT applications.
17.0-35.0 GHz GaAs MMIC
Low Noise Amplifier
Absolute Maximum Ratings
Page 1 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Features
Balanced Design
Excellent Input/Output Match
Self-biased Architecture
14.0 dB Small Signal Gain
2.5 dB Noise Figure
100% On-Wafer RF, DC and Noise Figure Testing
100% Visual Inspection to MIL-STD-883
Method 2010
General Description
Supply Voltage (Vd)
Supply Current (Id)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+6.0 VDC
85 mA
+15.0 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
(1) Channel temperature affects a device's MTBF. It is
recommended to keep channel temperature as low as
possible for maximum life.
1
Chip Device Layout
Frequency Range (f )
Input Return Loss (S11)
Output Return Loss (S22)
Small Signal Gain (S21)
Gain Flatness (
∆S21)
Reverse Isolation (S12)
Noise Figure (NF) @ 21.0-35.0 GHz
Output Power for 1 dB Compression (P1dB)
Output Third Order Intercept Point (OIP3)
Drain Bias Voltage (V5)
Supply Current (Id)
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Units
GHz
dB
dB
dB
dB
dB
dB
dBm
dBm
VDC
mA
Min.
17.0
8.0
15.0
12.0
-
25.0
-
-
-
-
-
Typ.
-
10.0
18.0
14.0
+/-1.5
30.0
2.5
+4.0
+16.0
+5.0
55
Max.
35.0
-
-
-
-
-
3.5
-
-
+5.5
65
1
March 2005 - Rev 01-Mar-05
L1001
(2) See plots for additional information.
(3) Unless otherwise indicated min/max over 17.0-35.0 GHz and biased at Vd=5V, Id=55mA.
3
3
3
3
3
2
2


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC460GaAs PHEMT MMIC LOW NOISE AMPLIFIER DC - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC282GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC318MS8GGaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AA035N1-0028-36 GHz GaAs MMIC Low Noise Amplifier 1 2 3 Alpha Industries
HMC516GaAs PHEMT MMIC LOW NOISE AMPLIFIER 7 - 17 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC320MS8GGaAs MMIC LOW NOISE AMPLIFIER 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC462GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
CMM40002.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CMM11002.0-18.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC517GaAs PHEMT MMIC LOW NOISE AMPLIFIER 17 - 26 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn